Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4207 Datasheet (PDF) - Cirrus Logic

CS4207 Datasheet PDF - Cirrus Logic
Part # CS4207
Download  CS4207 Download
File Size   819.46 Kbytes
Page   144 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp

CS4207 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4207 Datasheet PDF - Cirrus Logic

Part # CS4207
Download  CS4207 Click to download

File Size   819.46 Kbytes
Page   144 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp

CS4207 Datasheet (HTML) - Cirrus Logic


CS4207 Product details

General Description

The CS4207 is a highly integrated multi-channel low power HD Audio Codec featuring 192 kHz DACs, 96 kHz ADCs, 192 kHz S/PDIFTransmitters and Receiver, Microphone pre-amp and bias voltage, and a ground centered Headphone driver. Based on multi-bit, delta-sigma modulation, it allows infinite sample rate adjustment between 32 kHz and 192 kHz.



DIGITAL to ANALOG FEATURES

DAC1 (Headphone)

– 101 dB Dynamic Range (A-wtd)

– -89 dB THD+N

Headphone Amplifier - GND Centered

– Integrated Negative-voltage Regulator

– No DC-blocking Capacitor Required

– 50 mW Power/Channel into 16

DAC2 & DAC3 (Line Outs)

– 110 dB Dynamic Range (A-wtd)

– -94 dB THD+N

– Differential Balanced or Single-ended

Each DAC Supports 32 kHz to 192 kHz Sample Rates Independently.

Digital Volume Control

– +6.0 dB to -57.5 dB in 0.5 dB Steps

– Zero Cross and/or Soft Ramp Transitions

Independent Support of D0 and D3 Power States for Each DAC

Fast D3 to D0 Transition

– Audio Playback in Less Than 50 ms



ANALOG to DIGITAL FEATURES

ADC1 & ADC2

– 105 dB Dynamic Range (A-wtd)

– -88 dB THD+N

– Differential Balanced or Single-ended Inputs

– Analog Programmable Gain Amplifier (PGA) ±12 dB, 1.0 dB Steps, with Zero Cross Transitions and Mute

MIC Inputs

– Pre-amplifier with Selectable 0 dB, +10 dB, +20 dB, and +30 dB Gain Settings

– Programmable, Low-noise MIC Bias Level

Each ADC Supports 8 kHz to 96 kHz Sample Rates Independently

Additional Digital Attenuation Control

– -13.0 dB to -51.0 dB in 1.0 dB steps

– Zero Cross and/or Soft Ramp Transitions

Digital Interface for Two Dual Digital Mic Inputs

Independent Support of D0 and D3 Power States for Each ADC



System Features

Very Low D3 Power Dissipation of <7 mW

– Jack Detect Active in D3

– HDA BITCLK Not Required for D3 State

Jack Detect Does Not Require HDA Bus BITCLK

All Configuration Settings are Preserved in D3 State

Pop/Click Suppression in State Transitions

Detects Wake Event and Generates Power State Change Request when HDA Bus Controller is in D3

Variable Power Supplies

– 1.5 V to 1.8 V Digital Core Voltage

– 3.3 V to 5.0 V Analog Core Voltage

– 3.3 V to 5.0 V Headphone Drivers

– 1.5 V to 3.3 V HD Bus Interface Logic

– 3.3 V Interface Logic levels for GPIO, S/PDIF, and Digital Mic

Individual Power-down Managed

– ADCs, DACs, PGAs, Headphone Driver, S/PDIF Receiver, and Transmitters




Similar Part No. - CS4207

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4207 CIRRUS-CS4207 Datasheet
923Kb / 148P
Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
More results


Similar Description - CS4207

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
logo
Cirrus Logic
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
Low Power Stereo Audio CODEC With Headphone Amplifier
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com