Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42325 Datasheet (PDF) - Cirrus Logic

CS42325 Datasheet PDF - Cirrus Logic
Part # CS42325
Download  CS42325 Download
File Size   1245.58 Kbytes
Page   71 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 10-In, 6-Out, 2 Vrms Audio CODEC with Headphone

CS42325 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS42325 Datasheet PDF - Cirrus Logic

Part # CS42325
Download  CS42325 Click to download

File Size   1245.58 Kbytes
Page   71 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 10-In, 6-Out, 2 Vrms Audio CODEC with Headphone

CS42325 Datasheet (HTML) - Cirrus Logic


CS42325 Product details

General Description
The CS42325 is a highly integrated stereo audio CODEC. The CS42325 performs stereo analog-todigital (A/D) and up to four channels of digital-to-analog (D/A) conversion of up to 24-bit serial values at sample rates up to 96 kHz.

D/A Features
♦ Dual 24-bit Stereo DACs
♦ 100 dB Dynamic Range (A-Wtd)
♦ -90 dB THD+N
♦ Integrated Line Driver
    – 2 Vrms Output
    – Single-Ended Outputs
♦ Integrated Headphone Driver
    – 2 x 10 mW into 32 Ω
♦ Stereo 7:1 Output Multiplexer
♦ Volume Control with Soft Ramp
    – 0.5 dB Step Size
    – Zero Crossing Click-Free Transitions
♦ Selectable Serial Audio Interface Formats
    – Left- or Right-Justified, Up to 24-bit
    – I²S Up to 24-bit
♦ Selectable 50/15 μs De-Emphasis
♦ Internal Analog Mute
♦ Control Output for External Muting
♦ Popguard® Technology

A/D Features
♦ Single 24-bit Stereo ADC
♦ Stereo 5:1 Input Multiplexer
♦ 2 Vrms Single-Ended Inputs
♦ 95 dB Dynamic Range (A-Wtd)
♦ -88 dB THD+N
♦ Digital Volume Control with Soft Ramp
    – 0.5 dB Step Size
♦ Selectable Serial Audio Interface Formats
    – Left-Justified
    – I²S
♦ High-Pass Filter or DC Offset Calibration

System Features
♦ High Performance 24-bit Converters
    – Multi-bit Delta-Sigma Modulator
    – Up to 96 kHz Sampling Rates
♦ Direct Interface with 1.8 V to 3.3 V Logic Levels
♦ Supports Asynchronous Serial Port Operation
    – Two Independent Clock Domains
    – ADC, DAC1, and DAC2 can be Independently Assigned to the Two Clock Domains
    – Each Serial Port Supports Master or Slave Operation
♦ Internal Digital Loopback
♦ +3.3 V Analog Power Supply
♦ +3.3 V Digital Power Supply
♦ +9 V to +12 V High-Voltage Power Supply
♦ Hardware or Software Mode Configuration
    – Supports I²C® and SPI™ Software Interface




Similar Part No. - CS42325

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
CS42324-CQZ CIRRUS-CS42324-CQZ Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
CS42324-DQZ CIRRUS-CS42324-DQZ Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results


Similar Description - CS42325

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 68P
Audio Codec 97 with headphone Amplifier
CS42406 CIRRUS-CS42406 Datasheet
986Kb / 50P
24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
logo
Texas Instruments
PCM5310 TI-PCM5310 Datasheet
1Mb / 103P
24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
logo
Cirrus Logic
CS4207 CIRRUS-CS4207 Datasheet
819Kb / 144P
Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS4202 CIRRUS-CS4202_05 Datasheet
1Mb / 66P
Audio Codec ??7 with Headphone Amplifier
logo
Asahi Kasei Microsystem...
AK4753 AKM-AK4753 Datasheet
981Kb / 85P
2-in, 4-out CODEC with DSP Functions
logo
Wolfson Microelectronic...
WM8758B WOLFSON-WM8758B Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
logo
Cirrus Logic
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
logo
Wolfson Microelectronic...
WM8758 WOLFSON-WM8758 Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com