Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5310 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
PCM5310 Datasheet PDF - Texas Instruments
Part # PCM5310
Download  PCM5310 Download
File Size   1855.92 Kbytes
Page   103 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports

PCM5310 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM5310 Datasheet PDF - Texas Instruments

Part # PCM5310
Download  PCM5310 Click to download

File Size   1855.92 Kbytes
Page   103 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports

PCM5310 Datasheet (HTML) - Texas Instruments




Similar Part No. - PCM5310

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PCM5 OMEGA-PCM5 Datasheet
216Kb / 1P
Pulse Control Module Converts 4 to 20 mA to Proportional Power Control
PCM5. OMEGA-PCM5. Datasheet
216Kb / 1P
Pulse Control Module Converts 4 to 20 mA to Proportional Power Control
logo
Winsonic Electronics
PCM50041-WH35L0-CB0M0A WINSONIC-PCM50041-WH35L0-CB0M0A Datasheet
160Kb / 1P
Panel PC Chassis Mount, 50", 1920 x 1080, LED 350 nits
PCM50041-WH35L0-CB0M0B WINSONIC-PCM50041-WH35L0-CB0M0B Datasheet
160Kb / 1P
Panel PC Chassis Mount, 50", 1920 x 1080, LED 350 nits
PCM50041-WH35L0-CB0M0C WINSONIC-PCM50041-WH35L0-CB0M0C Datasheet
160Kb / 1P
Panel PC Chassis Mount, 50\" LCD monitor, 1920 x 1080, LED 350 nits, Intel® Celeron J1900,Intel® Core™ Ultra Series 2 Processors
More results


Similar Description - PCM5310

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4619 AKM-AK4619 Datasheet
1Mb / 73P
192 kHz 4-ch Audio CODEC
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com