Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42325 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 6Page - Cirrus Logic CS42325 Datasheet HTML 7Page - Cirrus Logic CS42325 Datasheet HTML 8Page - Cirrus Logic CS42325 Datasheet HTML 9Page - Cirrus Logic CS42325 Datasheet HTML 10Page - Cirrus Logic CS42325 Datasheet HTML 11Page - Cirrus Logic CS42325 Datasheet HTML 12Page - Cirrus Logic CS42325 Datasheet HTML 13Page - Cirrus Logic CS42325 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
10
DS838A2
CS42325
1.2
Hardware Mode
Pin Name
#
Pin Description
M0, M1
1, 2
Mode Selection (Input) - Determines the operational mode of the device.
MDIV
3
MCLK Divider (Input) - Setting this pin high places a divide-by-2 circuit in the MCLK path to the
core device circuitry.
MUTE
4
MUTE (Input) - Engages the internal digital mute and activates the MUTECx pins
DIF
5
DIF (Input) - Sets the serial audio interface format. Setting DIF high selects I²S audio format and
low selects LJ audio format.
FILT+
6
FILT+ (Output) - Full-scale reference voltage for ADC.
VCMADC
7
ADC Common-Mode Voltage (Output) - Filter connections for the ADC internal quiescent refer-
ence voltage.
GND
8
Analog Ground (Input) - Analog ground reference.
VA
9
Analog Power (Input) - Positive power for the internal analog section.
VBIAS
10
Bias Voltage (Output) - Positive reference voltage for the internal DAC.
MUTEC1
11
Mute Control 1 (Output) - Active-low mute output can drive external circuitry to eliminate the
clicks and pops associated with any single-rail output. This pin will become a high-impedance out-
put during power-down mode or when an invalid MCLK to LRCK ratio is detected.
MUTEC2
12
Mute Control 2 (Output) - Active-low mute output can drive external circuitry to eliminate the
clicks and pops associated with any single-rail output. This pin will become a high-impedance out-
put during power-down mode or when an invalid MCLK to LRCK ratio is detected.
6
2
4
8
1
3
5
7
9
11
12
31
35
33
29
27
36
34
32
30
28
26
25
10
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
OVFL
RST
AIN1A
AIN1B
AIN2A
AIN2B
AIN3A
AIN3B
AIN4A
AIN4B
AIN5A
AIN5B
M1
MDIV
MUTE
DIF
M0
FILT+
VCMADC
GND
VA
VBIAS
MUTEC1
MUTEC2
CS42325



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com