Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42325 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 43Page - Cirrus Logic CS42325 Datasheet HTML 44Page - Cirrus Logic CS42325 Datasheet HTML 45Page - Cirrus Logic CS42325 Datasheet HTML 46Page - Cirrus Logic CS42325 Datasheet HTML 47Page - Cirrus Logic CS42325 Datasheet HTML 48Page - Cirrus Logic CS42325 Datasheet HTML 49Page - Cirrus Logic CS42325 Datasheet HTML 50Page - Cirrus Logic CS42325 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
DS838A2
47
CS42325
6.2.3
Mute DAC2 Right-Channel
When set, this bit engages internal mute circuit on DAC2 output.
6.2.4
Mute DAC1 Left-Channel
When set, this bit engages internal mute circuit on DAC1 output.
6.2.5
Mute DAC1 Right-Channel
When set, this bit engages internal mute circuit on DAC1 output.
6.2.6
Mute ADC Left-Channel
When set, this bit engages internal mute circuit on ADC output.
6.2.7
Mute ADC Right-Channel
When set, this bit engages internal mute circuit on ADC output.
6.3
Operational Control (Address 02h)
6.3.1
Global Power-Down
When set, this bit places the device in power-down mode.
DAC2_MuteR
Mute status of DAC2 Right-channel
0
Un-muted
1
Muted
DAC1_MuteL
Mute status of DAC1 Left-channel
0
Un-muted
1
Muted
DAC1_MuteR
Mute Status of DAC1 Right-Channel
0
Un-muted
1
Muted
ADC_MuteL
Mute Status of ADC Left-Channel
0
Un-muted
1
Muted
ADC_MuteR
Mute Status of ADC Right-Channel
0
Un-muted
1
Muted
7
6
5
432
10
Reserved
PDN
INT_H/L
FREEZE
Reserved
TRI-SDOUT
TRI-SP1
TRI-SP2
PDN
Device Power-Down State
0
Device is running
1
Device is in power-down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com