Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42325 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 40Page - Cirrus Logic CS42325 Datasheet HTML 41Page - Cirrus Logic CS42325 Datasheet HTML 42Page - Cirrus Logic CS42325 Datasheet HTML 43Page - Cirrus Logic CS42325 Datasheet HTML 44Page - Cirrus Logic CS42325 Datasheet HTML 45Page - Cirrus Logic CS42325 Datasheet HTML 46Page - Cirrus Logic CS42325 Datasheet HTML 47Page - Cirrus Logic CS42325 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
44
DS838A2
CS42325
5. REGISTER QUICK REFERENCE
This table shows the register names and their associated default values. All bits marked as “Reserved” must main-
tain their default values.
Addr
Function
7
65
4
32
1
0
00h
Device ID
DEVICE3
DEVICE2
DEVICE1
DEVICE0
REV3
REV2
REV1
REV0
page 46
0110
xxxx
01h
Mute Control
Reserved
SYS_MCLK
DAC2_
MuteL
DAC2_
MuteR
DAC1_
MuteL
DAC1_
MuteR
ADC_
MuteL
ADC_
MuteR
page 46
01000000
02h
Operational
Control
Reserved
PDN
INT_HL
FREEZE
Reserved
TRI-SDOUT
TRI-SP1
TRI-SP2
page 47
01000000
03h
Serial Port 1
Control
SP1_M/S
Reserved
Reserved
SP1_
SPEED
MCLK1
FREQ1
MCLK1
FREQ0
Reserved
SP1_MCLK
page 49
00000000
04h
Serial Port 2
Control
SP2_M/S
Reserved
Reserved
SP2_
SPEED
MCLK2
FREQ1
MCLK2
FREQ0
Reserved
SP2_MCLK
page 50
00000000
05h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00000000
06h
ADC clocking
Reserved
ADC_
MCLK
Reserved
ADC_
SP
Reserved
Reserved
ADC_DIF1
ADC_DIF0
page 50
00001000
07h
DAC1 clocking
Reserved
DAC1_
MCLK
Reserved
DAC1_SP
Reserved
Reserved
DAC1_DIF1
DAC1_DIF0
page 51
00011000
08h
DAC2 clocking
Reserved
DAC2_
MCLK
Reserved
DAC2_SP
Reserved
Reserved
DAC2_DIF1
DAC2_DIF0
page 52
00011000
09h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00000000
0Ah
ADC Control
Reserved
ADC_
HPFRZ
ADC_
SOFT
Reserved
Reserved
AIN_SEL2
AIN_SEL1
AIN_SEL0
page 52
10100001
0Bh
DAC1 Control
DAC1_
DEPH
DAC1_
SNGVOL
DAC1_SOFT
DAC1_ZC
DAC1_
LOOPBACK
DAC1_INV
DAC1_MIX1 DAC1_MIX0
page 53
00100000
0Ch
DAC2 Control
DAC2_
DEPH
DAC2_
SNGVOL
DAC2_
SOFT
DAC2_
ZC
DAC2_
LOOPBACK
DAC2_INV
DAC2_MIX1 DAC2_MIX0
page 55
00100000
0Dh
AOUT1 Control
Reserved
Reserved
Reserved
Reserved
MUTEC1
AOUT1_
SEL2
AOUT1_
SEL1
AOUT1_
SEL0
page 56
00000110
0Eh
AOUT2 Control
Reserved
Reserved
Reserved
Reserved
MUTEC2
AOUT2_
SEL2
AOUT2_
SEL1
AOUT2_
SEL0
page 57
00000111
0Fh
AOUT3/HP
Control
Reserved
Reserved
Reserved
Reserved
MUTEC3
AOUT3_
SEL2
AOUT3_
SEL1
AOUT3_
SEL0
page 57
00000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com