Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42325 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 30Page - Cirrus Logic CS42325 Datasheet HTML 31Page - Cirrus Logic CS42325 Datasheet HTML 32Page - Cirrus Logic CS42325 Datasheet HTML 33Page - Cirrus Logic CS42325 Datasheet HTML 34Page - Cirrus Logic CS42325 Datasheet HTML 35Page - Cirrus Logic CS42325 Datasheet HTML 36Page - Cirrus Logic CS42325 Datasheet HTML 37Page - Cirrus Logic CS42325 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
34
DS838A2
CS42325
4.3.3
High-Pass Filter and DC Offset Calibration
When using operational amplifiers in the input circuitry driving the CS42325, a small DC offset may be
driven into the A/D converter. The CS42325 includes a high-pass filter after the decimator to remove any
DC offset which could result in recording a DC level, possibly yielding clicks when switching between de-
vices in a multichannel system.
The high-pass filter continuously subtracts a measure of the DC offset from the output of the decimation
filter. If the HPFFreeze bit is set during normal operation, the current value of the DC offset for the each
channel is frozen and this DC offset will continue to be subtracted from the conversion result. This feature
makes it possible to perform a system DC offset calibration by:
1.
Running the CS42325 with the high-pass filter enabled until the filter settles. See “ADC Digital Filter
Characteristics” on page 16 for filter settling time.
2.
Disabling the high-pass filter and freezing the stored DC offset for continuous subtraction.
A system calibration performed in this way eliminates offsets anywhere in the signal path between the
calibration point and the CS42325.
4.3.4
Digital Attenuation Control
Digital attenuation control functions are implemented, offering independent channel control for the ADC
PCM signal path. The volume controls are programmable to ramp in increments of 0.5 dB at a rate con-
trolled by the ADC soft ramp.
Each ADC signal path may also be independently muted via mute control bits. When enabled, each bit
attenuates the signal to its maximum value. When the mute bit is disabled, the signal returns to the atten-
uation level set in the respective volume control register. The attenuation is ramped up and down at the
rate specified by the ADC_SOFT.
4.4
Digital-to-Analog Data Path
4.4.1
Digital Volume Control
Two stereo digital volume control functions are implemented, offering independent channel control for
DAC1 and DAC2 PCM signal paths into the digital mixer. The volume controls are programmable to ramp
in increments of 0.5 dB at a rate controlled by the DAC1/2 soft ramp/zero cross settings.
Each DAC1/2 signal path may also be independently muted via mute control bits. When enabled, each
bit attenuates the signal to its maximum value. When the mute bit is disabled, the signal returns to the
attenuation level set in the respective volume control register. The attenuation is ramped up and down at
the rate specified by the DAC1/2_SOFT and DAC1/2_ZC bits.
4.4.2
Mono Channel Mixer
Independent channel mixers for DAC1 and DAC2 may be used to create a mix of the left and right chan-
nels PCM signals. This mix allows the user to produce a MONO signal from a stereo source. The mixer
may also be used to implement a left/right channel swap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com