Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42325 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 9Page - Cirrus Logic CS42325 Datasheet HTML 10Page - Cirrus Logic CS42325 Datasheet HTML 11Page - Cirrus Logic CS42325 Datasheet HTML 12Page - Cirrus Logic CS42325 Datasheet HTML 13Page - Cirrus Logic CS42325 Datasheet HTML 14Page - Cirrus Logic CS42325 Datasheet HTML 15Page - Cirrus Logic CS42325 Datasheet HTML 16Page - Cirrus Logic CS42325 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
DS838A2
13
CS42325
2. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
GND = GNDH = 0 V; All voltages with respect to ground.
ABSOLUTE MAXIMUM RATINGS
GND = GNDH = 0 V; All voltages with respect to ground. (Note 1)
Notes: 1.
Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
2.
Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supplies:
Analog
Digital
Logic
High Voltage Analog
VA
VD
VL
VA_H
3.13
3.13
1.71
8.55
3.3
3.3
3.3
9.0
3.47
3.47
3.47
12.60
V
V
V
V
Ambient Operating Temperature (Power Applied)
Commercial(-CQZ)
Automotive(-DQZ)
TA
-40
-40
-
-
+85
+105
°C
°C
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Analog
Digital
Logic
High Voltage Analog
VA
VD
VL
VA_H
-0.3
-0.3
-0.3
-0.3
+4.50
+4.50
+4.50
+17.0
V
V
V
V
Input Current
(Note 2)
Iin
-10
+10
mA
Analog Input Voltage
VINA
GND - 0.3
VA_H + 0.3
V
Digital Input Voltage
Logic
VIND
-0.3
VL + 0.4
V
Ambient Operating Temperature (Power Applied)
TA
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com