Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42325 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 45Page - Cirrus Logic CS42325 Datasheet HTML 46Page - Cirrus Logic CS42325 Datasheet HTML 47Page - Cirrus Logic CS42325 Datasheet HTML 48Page - Cirrus Logic CS42325 Datasheet HTML 49Page - Cirrus Logic CS42325 Datasheet HTML 50Page - Cirrus Logic CS42325 Datasheet HTML 51Page - Cirrus Logic CS42325 Datasheet HTML 52Page - Cirrus Logic CS42325 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
DS838A2
49
CS42325
6.3.6
Tri-State Serial Port 2
When enabled, and the device is configured as a master, then SCLK2 and LRCK2 of Serial Port 2 (SP2)
will be placed in a high-impedance output state. If Serial Port 2 is configured as a slave, SCLK2 and
LRCK2 will remain as inputs. SDIN1 and SDIN2 are always configured as inputs.
6.4
Serial Port 1 Control (Address 03h)
6.4.1
Serial Port 1 Master/Slave Select
This bit configures Serial Port 1 to operate as either a clock master or clock slave.
6.4.2
Serial Port 1 Speed Mode
In Master Mode this bit configures the speed mode of Serial Port 1.
6.4.3
MCLK1 Divider
These bits configure the internal MCLK1 dividers.
6.4.4
Serial Port 1 MCLK source
This bit selects which MCLK pin provides the clock for deriving Master Mode sub-clocks for Serial Port 1.
TRI-SP2
SCLK2 and LRCK2 State
0
SCLK2 and LRCK2 operate as inputs if Serial Port 2 is configured as a slave; SCLK2 and LRCK2
operate as outputs if Serial Port 2 is configured as a master
1
SCLK2 and LRCK2 operate as inputs if Serial Port 2 is configured as a slave; SCLK2 and LRCK2
become high-impedance outputs if Serial Port 2 is configured as a master
7
6
5
432
10
SP1_M/S
Reserved
Reserved
SP1_SPEED
MCLK1
FREQ1
MCLK1
FREQ0
Reserved
SP1_MCLK
SP1_M/S
Serial Port 1 Master/Slave Select
0
Slave Mode
1
Master Mode
SP1_SPEED
Serial Port 1 Speed Mode
0
Single-Speed Mode (SSM)
1
Double-Speed Mode (DSM)
MCLK1
FREQ[1:0]
MCLK Divider
00
÷1
01
÷1.5
10
÷2
11
÷3
SP1_MCLK
Serial Port 1 MCLK source
0
MCLK1
1MCLK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com