Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42325 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 19Page - Cirrus Logic CS42325 Datasheet HTML 20Page - Cirrus Logic CS42325 Datasheet HTML 21Page - Cirrus Logic CS42325 Datasheet HTML 22Page - Cirrus Logic CS42325 Datasheet HTML 23Page - Cirrus Logic CS42325 Datasheet HTML 24Page - Cirrus Logic CS42325 Datasheet HTML 25Page - Cirrus Logic CS42325 Datasheet HTML 26Page - Cirrus Logic CS42325 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
DS838A2
23
CS42325
SWITCHING CHARACTERISTICS - SERIAL AUDIO (CONT.)
Logic ‘0’ = GND = GNDH = 0 V; Logic ‘1’ = VL; CL = 20 pF.
Parameter
Symbol
Min
Typ
Max
Unit
Master Mode
SDINx setup
before SCLK rising
SDINx hold
after SCLK rising
tSETUP3
tHOLD3
10
10
--
ns
Slave Mode
SDINx setup
before SCLK rising
SDINx hold
after SCLK rising
tSETUP3
tHOLD3
10
10
--
ns
Figure 4. Serial Output Timing
LRCKx
SDINx
SCLKx
data
channel
channel
data
tHOLD3
tSETUP3
tHOLD1
tSETUP1
tPERIOD
tHIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com