Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42325 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 14Page - Cirrus Logic CS42325 Datasheet HTML 15Page - Cirrus Logic CS42325 Datasheet HTML 16Page - Cirrus Logic CS42325 Datasheet HTML 17Page - Cirrus Logic CS42325 Datasheet HTML 18Page - Cirrus Logic CS42325 Datasheet HTML 19Page - Cirrus Logic CS42325 Datasheet HTML 20Page - Cirrus Logic CS42325 Datasheet HTML 21Page - Cirrus Logic CS42325 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
18
DS838A2
CS42325
DAC ANALOG CHARACTERISTICS - AUTOMOTIVE (-DQZ)
Test Conditions (unless otherwise specified): VA = 3.13 V to 3.47 V, VD = 3.13 V to 3.47 V, VL = 1.71 V to 3.47 V,
VA_H = 8.55 V to 12.60 V, GND = GNDH = 0 V; TA = -40° C to +85° C; 997 Hz Full-Scale Output Sine Wave.
Decoupling capacitors, filter capacitors, and recommended output filter as shown in Figure 7 on page 26 and Fig-
ure 8 on page 27; Fs = 48 kHz or 96 kHz; Synchronous Mode; Measurement Bandwidth 10 Hz to 20 kHz,
Parameter
Symbol
Min
Typ
Max
Unit
RL = 5 kΩ
Dynamic Range
(Note 7)
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
90
87
83
80
100
97
93
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 7)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-90
-77
-37
-87
-77
-37
-80
-67
-27
-77
-67
-27
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
-100
-
dB
RL = 32 Ω
Dynamic Range
(Note 7)
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
90
87
83
80
100
97
93
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 7)
18 to 24-Bit
0 dB
-3 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-40
-54
-77
-37
-40
-73
-30
-20
-44
-67
-27
-30
-63
-20
dB
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
-80
-
dB
Other Characteristics for RL = 32 Ω or 5 kΩ
Full-Scale Output Voltage
(Note 8)
1.9
2.0
2.1
Vrms
Max current draw from an AOUT1x or AOUT2x pin
IOUT
-
575
-
μA
AC-Load Resistance (AOUT1x and AOUT2x)
(Note 9)
RL
5-
-
k
Ω
AC-Load Resistance (AOUT3x/HPx)
(Note 9)
RL
16
-
-
Ω
Load Capacitance
(Note 9)
CL
--
100
pF
Output Impedance
ZOUT
40
50
60
Ω
Interchannel Gain Mismatch
-
0.1
0.25
dB
Gain Drift
-
100
-
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com