Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42325 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 32Page - Cirrus Logic CS42325 Datasheet HTML 33Page - Cirrus Logic CS42325 Datasheet HTML 34Page - Cirrus Logic CS42325 Datasheet HTML 35Page - Cirrus Logic CS42325 Datasheet HTML 36Page - Cirrus Logic CS42325 Datasheet HTML 37Page - Cirrus Logic CS42325 Datasheet HTML 38Page - Cirrus Logic CS42325 Datasheet HTML 39Page - Cirrus Logic CS42325 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
36
DS838A2
CS42325
4.4.6
Analog Output Multiplexer
The CS42325 contains three independent stereo 7-to-1 analog output multiplexers which can select one
of seven possible stereo analog output sources and route it to the AOUTxA and AOUTxB pins. Figure 18
shows the architecture of the analog output multiplexer.
“Section 6.12 “AOUT1 Control (Address 0Dh)” on page 56” and Section 6.13 “AOUT2 Control (Address
0Eh)” on page 57 outline the bit settings necessary to control the output multiplexer.
4.4.7
Output Transient Control
The CS42325 uses Popguard technology to minimize the effects of output transients during power-up and
power-down. This technique eliminates the audio transients commonly produced by single-ended single-
supply converters when it is implemented with external DC-blocking capacitors connected in series with
the audio outputs. To make best use of this feature, it is necessary to understand its operation.
4.4.7.1
Power-Up
When the device is initially powered up, the audio outputs AOUTxA and AOUTxB are clamped to VCM-
BUF which is initially low. After the PDN bit is released (set to ‘0’) the outputs begin to ramp with VCMBUF
towards the nominal quiescent voltage. This ramp takes approximately 200 ms to complete with a line
load and will be shorter under headphone loading. The gradual voltage ramping allows time for the exter-
nal DC-blocking capacitors to charge to VCMBUF, effectively blocking the quiescent DC voltage. Audio
output from the DACs will begin after approximately 2000 sample periods.
4.4.7.2
Power-Down
To prevent audio transients at power-down, the DC-blocking capacitors must fully discharge before turn-
ing off the power. In order to do this, either the PDN bit should be set or the device should be reset about
250 ms before removing power. During this time, the voltage on VCMBUF and the AOUTx outputs dis-
charge gradually to GND. If power is removed before this 250 ms time period has passed, a transient will
occur when the VA supply drops below that of VCMBUF. There is no minimum time for a power cycle;
power may be re-applied at any time.
MUX
AIN1A
AIN2A
AIN3A
AIN5A
AIN4A
AOUTx_SEL[2:0]
AOUTxA
AOUTxB
DAC2A
DAC1A
MUX
AIN1B
AIN2B
AIN3B
AIN5B
AIN4B
DAC2B
DAC1B
Figure 18. Analog Output Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com