Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 1 Page - Cirrus Logic

  CS42324 Datasheet HTML 1Page - Cirrus Logic CS42324 Datasheet HTML 2Page - Cirrus Logic CS42324 Datasheet HTML 3Page - Cirrus Logic CS42324 Datasheet HTML 4Page - Cirrus Logic CS42324 Datasheet HTML 5Page - Cirrus Logic CS42324 Datasheet HTML 6Page - Cirrus Logic CS42324 Datasheet HTML 7Page - Cirrus Logic CS42324 Datasheet HTML 8Page - Cirrus Logic CS42324 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
10-In, 6-Out, 2 Vrms Audio CODEC
D/A Features
Dual 24-bit Stereo DACs
Multi-bit Delta-Sigma Modulator
100 dB Dynamic Range (A-Wtd)
-90 dB THD+N
Integrated Line Driver
2 Vrms Output
Single-Ended Outputs
Up to 96 kHz Sampling Rates
Stereo 7:1 Output Multiplexer
Volume Control with Soft Ramp
0.5 dB Step Size
Zero Crossing Click-Free Transitions
Selectable Serial Audio Interface Formats
Left- or Right-Justified, Up to 24-bit
I²S Up to 24-bit
Selectable 50/15 μs De-Emphasis
Internal Analog Mute
Control Output for External Muting
Popguard® Technology
A/D Features
Multi-bit Delta-Sigma Modulator
24-bit Conversion
Up to 96 kHz Sampling Rates
95 dB Dynamic Range (A-Wtd)
-88 dB THD+N
Stereo 5:1 Input Multiplexer
Digital Volume Control with Soft Ramp
0.5 dB Step Size
Selectable Serial Audio Interface Formats
Left-Justified
–I²S
High-Pass Filter or DC Offset Calibration
See System Features, General Description, and Order-
ing information on page 2.
1.8 V to 3.3 V
Internal Voltage
Reference
Multibit
ΔΣ Modulator
Multibit
ΔΣ Modulator
Stereo DAC
Multibit
Oversampling
Stereo ADC
Low-Latency
Decimation
Filter
Stereo Input 1
Serial Audio
Inputs
Serial Audio
Output
3.3 V
3.3 V
5:1
MUX
7:1
MUX
Volume
Control/Mixer
Volume
Control/Mixer
Mute
Control
Register Configuration
Reset
SPI & I
2C
Control Data
Mute 1
Mute 2
Mute 3
Stereo Input 2
Stereo Input 3
Stereo Input 4
Stereo Input 5
Interrupt
ADC Overflow
7:1
MUX
7:1
MUX
Stereo Output 1
Stereo Output 2
Stereo Output 3
9 V to12 V
Mute
Mute
Mute
Volume
Control/High
Pass Filter
5
5
5
Stereo DAC
JANUARY '08
DS721A6
CS42324


Similar Part No. - CS42324

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS42325-CQZ CIRRUS-CS42325-CQZ Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS42325-DQZ CIRRUS-CS42325-DQZ Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
More results

Similar Description - CS42324

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42406 CIRRUS-CS42406 Datasheet
986Kb / 50P
24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
CS42436 CIRRUS-CS42436 Datasheet
1Mb / 66P
108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
108 dB, 192 kHz 6-in, 8-out CODEC
CS42436 CIRRUS-CS42436_06 Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS42436 CIRRUS-CS42436_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 6-Out TDM CODEC
CS42448 CIRRUS-CS42448_07 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-In, 8-Out CODEC
CS4207 CIRRUS-CS4207 Datasheet
819Kb / 144P
Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
logo
Asahi Kasei Microsystem...
AK4753 AKM-AK4753 Datasheet
981Kb / 85P
2-in, 4-out CODEC with DSP Functions
logo
Cirrus Logic
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com