Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 24Page - Cirrus Logic CS42324 Datasheet HTML 25Page - Cirrus Logic CS42324 Datasheet HTML 26Page - Cirrus Logic CS42324 Datasheet HTML 27Page - Cirrus Logic CS42324 Datasheet HTML 28Page - Cirrus Logic CS42324 Datasheet HTML 29Page - Cirrus Logic CS42324 Datasheet HTML 30Page - Cirrus Logic CS42324 Datasheet HTML 31Page - Cirrus Logic CS42324 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
28
DS721A6
CS42324
4. APPLICATIONS
4.1
System Clocking
The CS42324 will operate at sampling frequencies from 4 kHz to 108 kHz. This range is divided into two
speed modes as shown in Table 2.
The CS42324 has two serial ports which can operate synchronously or asynchronously. Serial Port 1
(SP1) consists of the SCLK1 and LRCK1 signals. Serial Port 2 (SP2) consists of the SCLK2 and LRCK2
signals. The serial audio output, SDOUT, and serial audio inputs, SDIN1 and SDIN2, can be independent-
ly assigned to either of the two serial ports for ease of clocking. Each serial port may be independently
placed into Single- or Double-Speed Mode. The serial ports may also be independently placed into Master
or Slave Mode.
4.1.1
Master Clock
In both Synchronous and Asynchronous Modes, MCLKx (MCLK1 and/or MCLK2) and the corresponding
LRCKx must maintain an integer ratio. Some common ratios are shown in Tables 3 and 4. The LRCKx
frequency is equal to Fs, the frequency at which audio samples for each channel are clocked into or out
of the device. The SP1_SPEED and SP2_SPEED bits and the MCLKx FREQ bits configure the device to
generate the proper clocks in Master Mode and receive the proper clocks in Slave Mode when auto detect
mode is disabled. Tables 3 and 4 illustrate several standard audio sample rates and the required MCLKx
and LRCKx frequencies.
Speed Mode
Master Mode Sampling
Frequency
Slave Mode
Sampling Frequency
Single-Speed
4-54 kHz
4-54 kHz
Double-Speed
50-108 kHz
50-108 kHz
Table 2. Speed Modes
Mode
LRCKx
(kHz)
MCLKx (MHz)
128x
192x
256x
384x
512x
768x
SINGLE SPEED
MODE (SSM)
32
-
-
8.1920
12.2880
16.3840
24.5760
44.1
-
-
11.2896
16.9344
22.5792
33.8680
48
-
-
12.2880
18.4320
24.5760
36.8640
MCLKx FREQ [1:0]
-
-
000110
11
MDIV pin
-
-
0
-
1
-
Table 3. Single-Speed Mode Common Clock Frequencies
Mode
LRCKx
(kHz)
MCLKx (MHz)
128x
192x
256x
384x
512x
768x
DOUBLE SPEED
MODE (DSM)
64
8.1920
12.2880
16.3840
24.5760
-
-
88.2
11.2896
16.9344
22.5792
33.8680
-
-
96
12.2880
18.4320
24.5760
36.8640
-
-
MCLKx FREQ [1:0]
000110
11
-
-
MDIV pin
0
-
1
-
-
-
Table 4. Double-Speed Mode Common Clock Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com