Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 42Page - Cirrus Logic CS42324 Datasheet HTML 43Page - Cirrus Logic CS42324 Datasheet HTML 44Page - Cirrus Logic CS42324 Datasheet HTML 45Page - Cirrus Logic CS42324 Datasheet HTML 46Page - Cirrus Logic CS42324 Datasheet HTML 47Page - Cirrus Logic CS42324 Datasheet HTML 48Page - Cirrus Logic CS42324 Datasheet HTML 49Page - Cirrus Logic CS42324 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
46
DS721A6
CS42324
6. REGISTER DESCRIPTION
All registers are read/write except where otherwise noted. See the following bit definition tables for bit assignment
information. The default state of each bit after release of reset is listed in the shaded row of each bit description
table. When writing to registers containing “Reserved” bits, all bits marked as “Reserved” must maintain their default
values.
6.1
Device I.D. and Revision Register (Address 00h) (Read Only)
6.1.1
Device I.D. (Read Only)
I.D. code for the CS42324.
6.1.2
Chip Revision (Read Only)
CS42324 revision level.
6.2
Mute Control (Address 01h)
6.2.1
System MCLK Source
This bit selects which MCLK pin provides the clock for internal state machines. It must always be set to
whichever clock is currently active.
6.2.2
Mute DAC2 Left-Channel
When set, this bit engages internal mute circuit on DAC2 output.
76
543
21
0
DEVICE3
DEVICE2
DEVICE1
DEVICE0
REV3
REV2
REV1
REV0
DEVICE[3:0]
Device
0110
CS42324
REV[3:0]
Revision Level
000
A1
001
B0
76
543
21
0
Reserved
SYS_MCLK
DAC2_
MuteL
DAC2_
MuteR
DAC1_
MuteL
DAC1_
MuteR
ADC_
MuteL
ADC_
MuteR
SYS_MCLK
System MCLK source
0
MCLK1
1
MCLK2
DAC2_MuteL
Mute status of DAC2 Left-channel
0
Un-muted
1Muted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com