Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 7Page - Cirrus Logic CS42324 Datasheet HTML 8Page - Cirrus Logic CS42324 Datasheet HTML 9Page - Cirrus Logic CS42324 Datasheet HTML 10Page - Cirrus Logic CS42324 Datasheet HTML 11Page - Cirrus Logic CS42324 Datasheet HTML 12Page - Cirrus Logic CS42324 Datasheet HTML 13Page - Cirrus Logic CS42324 Datasheet HTML 14Page - Cirrus Logic CS42324 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
DS721A6
11
CS42324
MUTEC3
13
Mute Control 3 (Output) - Active-low mute output can drive external circuitry to eliminate the
clicks and pops associated with any single-rail output. This pin will become a high-impedance out-
put during power-down mode or when an invalid MCLK to LRCK ratio is detected.
VCMBUF
14
VCMBUF (Output) - Internally buffered VCMDAC
VCMDAC
15
DAC Common-Mode Voltage (Output) - Filter connections for the DAC internal quiescent refer-
ence voltage.
VA_H
16, 18 Analog High Voltage Power (Input) - Positive power for the internal output buffer section.
GNDH
17
Analog Ground (Input) - Ground reference for high-voltage section.
AOUT1A, AOUT1B
AOUT2A, AOUT2B
AOUT3A, AOUT3B
19, 20
21, 22
23, 24
DAC Analog Audio Outputs (Output) - The full-scale output level is specified in the DAC Analog
Characteristics specification table.
AIN5B, AIN5A
AIN4B, AIN4A
AIN3B, AIN3A
AIN2B, AIN2A
AIN1B, AIN1A
25, 26
27, 28
29, 30
31, 32
33, 34
Stereo Analog Inputs 1-5 (Input) - The full-scale input level is specified in the ADC Analog Char-
acteristics specification table.
RST
35
Reset (Input) - The device enters a low-power mode when this pin is driven low.
OVFL
36
ADC Overflow (Output) - Indicates an ADC overflow condition is present.
SDIN2
SDIN1
37
38
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
MCLK2
39
Master Clock 2 (Input) - Optional asynchronous clock source for the DAC’s delta-sigma modula-
tors.
LRCK2
40
Serial Port 2 Left/Right Clock (Input/Output) - Determines which channel, Left or Right, is cur-
rently active on the serial audio input data line.
SCLK2
41
Serial Port 2 Serial Bit Clock (Input/Output) - Serial bit clock for serial audio interface 2.
VD
42
Digital Power (Input) - Positive power for the internal digital section.
GND
43
Digital Ground (Input) - Ground reference for the internal digital section.
VL
44
Digital Interface Power (Input) - Determines the required signal level for the control and serial
port interfaces as shown in “I/O Power Rails” on page 12. Refer to the“Recommended Operating
Conditions” on page 13 for appropriate voltages
SDOUT
45
Serial Audio Data Output (Output) - Output for two’s complement serial audio data.
SCLK1
46
Serial Port 1 Serial Bit Clock (Input/Output) - Serial bit clock for serial audio interface 1.
LRCK1
47
Serial Port 1 Left Right/Clock (Input/Output) - Determines which channel, Left or Right, is cur-
rently active on the serial audio output data line.
MCLK1
48
Master Clock 1 (Input) - Clock source for the ADC’s delta-sigma modulators. By default, this sig-
nal also clocks the DAC’s delta-sigma modulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com