Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 39Page - Cirrus Logic CS42324 Datasheet HTML 40Page - Cirrus Logic CS42324 Datasheet HTML 41Page - Cirrus Logic CS42324 Datasheet HTML 42Page - Cirrus Logic CS42324 Datasheet HTML 43Page - Cirrus Logic CS42324 Datasheet HTML 44Page - Cirrus Logic CS42324 Datasheet HTML 45Page - Cirrus Logic CS42324 Datasheet HTML 46Page - Cirrus Logic CS42324 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
DS721A6
43
CS42324
5.
If the INCR bit is set to 0 and further SPI reads from other registers are desired, it is necessary to bring
CS high, and follow the procedure detailed from step 1. If no further reads from other registers are
desired, bring CS high.
4.6.4
Memory Address Pointer (MAP)
The MAP byte comes after the address byte and selects the register to be read or written. Refer to the
pseudo code above for implementation details.
4.6.4.1
Map Increment (INCR)
The device has MAP auto increment capability enabled by the INCR bit (the MSB) of the MAP. If INCR is
set to 0, MAP will stay constant for successive I²C writes or reads and SPI writes. If INCR is set to 1, MAP
will auto increment after each byte is written, allowing block reads or writes of successive registers.
4.7
Interrupts and Overflow
The CS42324 has a comprehensive interrupt capability. The INT output pin is intended to drive the interrupt
input pin on the host microcontroller. The INT pin may function as either an active high CMOS driver or an
active low open-drain driver (see “Operational Control (Address 02h)” on page 47). When configured as ac-
tive low open-drain, the INT pin has no active pull-up transistor, allowing it to be used for wired-OR hook-
ups with multiple peripherals connected to the microcontroller interrupt input pin. In this configuration, an
external pull-up resistor must be placed on the INT pin for proper operation.
Many conditions can cause an interrupt, as listed in the interrupt status register descriptions. See “Interrupt
Status (Address 18h) (Read Only)” on page 61. Each source may be masked off through mask register bits.
In addition, each source may be set to rising edge, falling edge, or level sensitive. Combined with the option
of level sensitive or edge sensitive modes within the microcontroller, many different configurations are pos-
sible, depending on the needs of the equipment designer. Reading the Interrupt Status register will clear the
interrupt condtion.
The CS42324 also has a dedicated overflow output. The OVFL pin functions as active low open drain and
has no active pull-up transistor, thereby requiring an external pull-up resistor. The OVFL pin outputs an OR
of the ADC Overflow Positive and Negative conditions available in the Interrupt Status register; however,
these conditions do not need to be unmasked for proper operation of the OVFL pin.
MA P
MSB
LSB
DATA
by te 1
by te n
R/W
R/W
AD D R ES S
CH IP
ADDRESS
CH I P
MSB
LSB MSB
LSB
MAP = Memory Address Pointer, 8 bits, MSB first
High Impedance
1001111
1001111
CCLK
CDIN
CDOUT
CS
Figure 22. Software Mode Timing, SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com