Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 23Page - Cirrus Logic CS42324 Datasheet HTML 24Page - Cirrus Logic CS42324 Datasheet HTML 25Page - Cirrus Logic CS42324 Datasheet HTML 26Page - Cirrus Logic CS42324 Datasheet HTML 27Page - Cirrus Logic CS42324 Datasheet HTML 28Page - Cirrus Logic CS42324 Datasheet HTML 29Page - Cirrus Logic CS42324 Datasheet HTML 30Page - Cirrus Logic CS42324 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
DS721A6
27
CS42324
MUTEC1
* Capacitors must be C0G or equivalent
VBIAS
1 µF
0.1 µF
VCMADC
FILT+
1 µF
GND
AOUT1A
AOUT1B
470
Ω
470
Ω
3.3 µF
C
Optional
Analog
Muting
3.3 µF
10 k
Ω
10 k
Ω
C
* See Note 1
For best response to Fs/2 :
()
470
4
470
×
+
=
ext
ext
R
Fs
R
C
π
This circuitry is intended for applications where
the CS42324 connects directly to a line level
output. For internal routing applications please
see the DAC Analog Output Characteristics
section for loading limitations . Rext is the load
impedance.
Note 1 :
AIN1A
AIN1B
AIN2A
AIN2B
AIN3A
AIN3B
AIN4A
AIN4B
AIN5A
AIN5B
0.1 µF
3.3 µF
0.1 µF
VCMDAC
VCMBUF
3.3 µF
0.1 µF
*
*
VA
+3.3 V
1 µF
2 Vrms Right
Analog In 5
MUTEC2
AOUT2A
AOUT2B
470
Ω
470
Ω
3.3 µF
C
Optional
Analog
Muting
3.3 µF
10 k
Ω
10 k
Ω
C
* See Note 1
*
*
MUTEC3
AOUT3A
AOUT3B
470
Ω
470
Ω
3.3 µF
C
Optional
Analog
Muting
3.3 µF
10 k
Ω
10 k
Ω
C
* See Note 1
*
*
0.1 µF
10 µF
2 Vrms Left
Analog Out 1
2 Vrms Right
Analog Out 1
2 Vrms Left
Analog Out 2
2 Vrms Right
Analog Out 2
2 Vrms Left
Analog Out 3
2 Vrms Right
Analog Out 3
1 µF
2 Vrms Left
Analog In 2
1 µF
2 Vrms Left
Analog In 5
1 µF
2 Vrms Right
Analog In 4
1 µF
2 Vrms Left
Analog In 4
1 µF
2 Vrms Right
Analog In 3
1 µF
2 Vrms Left
Analog In 3
1 µF
2 Vrms Right
Analog In 2
1 µF
2 Vrms Right
Analog In 1
1 µF
2 Vrms Left
Analog In 1
3.3 µF
CS42324
VL
0.1 µF
+1.8V
to +3.3V
SOC/DSP
M0
RST
LRCK2
SDIN1
MCLK2
SCLK2
LRCK1
SDOUT
MCLK1
SCLK1
SDIN2
M1
DIF
OVFL
MDIV
MUTE
5 k
Ω
VL
* See
Note 2
Pull-up on SDOUT indicates hardware mode
operation
Note 2 :
10 µF
0.1 µF
10 µF
0.1 µF
VA_H
VD
+9 V to +12 V
+3.3 V
VA_H
GND
GNDH
Figure 8. Typical Connection Diagram - Hardware Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com