Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 25Page - Cirrus Logic CS42324 Datasheet HTML 26Page - Cirrus Logic CS42324 Datasheet HTML 27Page - Cirrus Logic CS42324 Datasheet HTML 28Page - Cirrus Logic CS42324 Datasheet HTML 29Page - Cirrus Logic CS42324 Datasheet HTML 30Page - Cirrus Logic CS42324 Datasheet HTML 31Page - Cirrus Logic CS42324 Datasheet HTML 32Page - Cirrus Logic CS42324 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
DS721A6
29
CS42324
4.1.2
Synchronous / Asynchronous Mode
By default, the CS42324 operates in Synchronous Mode with both serial ports synchronous to MCLK1. In
this mode, the serial ports may operate at different synchronous rates as set by the SP1_SPEED and
SP2_SPEED bits, and MCLK2 does not need to be provided (the MCLK2 pin should be left unconnected
if not required).
If the SPx_MCLK (SPx = SP1 and/or SP2) bits in serial ports 1 and 2 are set differently, the CS42324 will
operate in Asynchronous Mode. The serial ports will operate asynchronously with Serial Port 1 clocked
from its SP1_MCLK selection and Serial Port 2 clocked from its SP2_MCLK selection. In this mode, the
serial ports may operate at different asynchronous rates.
In Hardware Mode MCLK1 is the master clock source for all internal circuits. Clock selection and asyn-
chronous operation are not available.
4.2
Serial Port Operation
Each CS42324 serial audio interface port operates as either a clock slave or master. They accept externally
generated clocks in slave mode (LRCKx and SCLKx pins are inputs, generated clocks shown in Figure 9
are disabled) and will generate synchronous clocks derived from an input master clock (MCLK1/MCLK2) in
master mode (LRCKx and SCLKx pins are outputs, generated clocks shown in Figure 9 are enabled).
The LRCK, Fs, is the frequency at which audio samples for each channel are clocked into or out of the de-
vice. In slave mode, LRCK should be synchronously derived from the MCLK selected in SPx_MCLK regis-
ter.
The SCLK is the bit clock which is used to clock in the serial audio data stream. SCLK should adhere to the
timing requirements outlined in “Switching Characteristics - Serial Audio” on page 22.
The SP1_SPEED, SP2_SPEED, MCLK1 FREQ[1:0] and MCLK2 FREQ[1:0] Software Mode control bits or
the M1, M0, and MDIV hardware control pins, configure the device to generate the proper clocks in Master
Mode and receive the proper clocks in Slave Mode. In hardware mode, control pins M1 and M0 configure
the master/slave mode setting for the serial ports as well as the speed mode as shown in Table 5.
M0 (Pin 1)
M1 (Pin 2)
Serial Port Configuration
0
0
Clock Master, Single-Speed Mode
0
1
Clock Master, Double-Speed Mode
10
Reserved
1
1
Clock Slave, Auto-detect Speed Mode
Table 5. M1 and M0 Mode Pins in Hardware Mode
Serial Port 1 (SP1)
LRCK1
pin
Generated-LRCK1
Internal-LRCK1
To converters
SP1_M/S
SCLK1
pin
Generated-SCLK1
Internal-SCLK1
To converters
SP1_M/S
Master
Mode
Clock
Generation
Serial Port 2 (SP2)
LRCK2
pin
Generated-LRCK2
Internal-LRCK2
To converters
SP2_M/S
SCLK2
pin
Generated-SCLK2
Internal-SCLK2
To converters
SP2_M/S
Master
Mode
Clock
Generation
Figure 9. Serial Port Topology
Figure 10
on page 30
Figure 10
on page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com