Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 17Page - Cirrus Logic CS42324 Datasheet HTML 18Page - Cirrus Logic CS42324 Datasheet HTML 19Page - Cirrus Logic CS42324 Datasheet HTML 20Page - Cirrus Logic CS42324 Datasheet HTML 21Page - Cirrus Logic CS42324 Datasheet HTML 22Page - Cirrus Logic CS42324 Datasheet HTML 23Page - Cirrus Logic CS42324 Datasheet HTML 24Page - Cirrus Logic CS42324 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
DS721A6
21
CS42324
DC ELECTRICAL CHARACTERISTICS
GND = GNDH = 0 V; all voltages with respect to ground. MCLK1=12.288 MHz; MCLK2=static; Fs=48 kHz; Master
Mode.
Notes: 13. Power-Down Mode is defined as RST = Low, with all clock and data lines held static low and no analog
input.
14. Valid with the recommended capacitor values on FILT+, VCMDAC, VCMADC and VCMBUF as shown
in Figure 7 on page 26 and Figure 8 on page 27.
15. The DC current draw represents the allowed current draw due to typical leakage through the electrolytic
de-coupling capacitors.
DIGITAL INTERFACE CHARACTERISTICS
Note:
16. Digital Interface signals include all pins sourced from the VL supply as shown in “I/O Power Rails” on
page 12.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Current (Normal Operation)
VA_H = 9 V
VA = 3.3 V
VD = 3.3 V
VL = 3.3 V
IA_H
IA
ID
IL
-
-
-
-
24
19
22
10
32
25
29
13
mA
mA
mA
mA
Power Supply Current
VA _H= 9 V
(Power-Down Mode) (Note 13)
VL=VD=VA=3.3 V
IPD
-
-
0
200
-
-
μA
μA
Power Consumption (Normal Operation)
VA_H = 9 V
VL=VD=VA = 3.3 V
(Power-Down Mode)
All supplies
-
-
-
-
-
-
216
169
0.7
289
225
-
mW
mW
mW
Power Supply Rejection Ratio (1 kHz)
(Note 14)
PSRR
-
60
-
dB
Reference Voltages
VCMADC Nominal Voltage
VCMADC
-
0.5•VA
-
V
VCMDAC Nominal Voltage
VCMDAC
-
4
-
V
DC Current from VCMADC or VCMDAC
(Note 15)
ICM
--
1
μA
VCMADC or VCMDAC Output Impedance
ZCM
-23
-
k
Ω
FILT+ Nominal Voltage
FILT+
-
VA
-
V
VBIAS Nominal Voltage
VBIAS
-
VA-0.8
-
V
Parameters (Note 16)
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
0.7•VL
-
-
V
Low-Level Input Voltage
VIL
-
-
0.2•VL
V
High-Level Output Voltage at Io=2 mA
Digital Interface
MUTEC1/MUTEC2/MUTEC3
VOH
VOH
VL-1.0
VA_H-1.0
-
-
-
-
V
V
Low-Level Output Voltage at Io=2 mA
Digital Interface
MUTEC1/MUTEC2/MUTEC3
VOL
VOL
-
-
-
-
0.4
0.4
V
V
Input Leakage Current
Iin
-10
-
+10
μA
Input Capacitance
-
-
1
pF
Maximum MUTEC1/MUTEC2/MUTEC3 Drive Current
-3
-
mA
Minimum OVFL Active Time
μs
10
6
LRCKX
---------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com