Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 36Page - Cirrus Logic CS42324 Datasheet HTML 37Page - Cirrus Logic CS42324 Datasheet HTML 38Page - Cirrus Logic CS42324 Datasheet HTML 39Page - Cirrus Logic CS42324 Datasheet HTML 40Page - Cirrus Logic CS42324 Datasheet HTML 41Page - Cirrus Logic CS42324 Datasheet HTML 42Page - Cirrus Logic CS42324 Datasheet HTML 43Page - Cirrus Logic CS42324 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
40
DS721A6
CS42324
4.6
Device Control
In Software Mode, all functions and features may be controlled either by two-wire I²C or SPI Software Mode
interface. In Hardware Mode, a limited feature set may be controlled via hardware control pins.
4.6.1
Hardware Mode
A limited feature-set is available when the CS42324 powers up in Hardware Mode (see “Recommended
Power-Up Sequence, Hardware Mode” on page 38) and may be controlled via hardware control pins.
Table 9 shows a list of functions/features, the default configuration and the associated hardware control
available.
Hardware Mode Feature Summary
Feature/Function
Default Configuration
Hardware Control
Power Control
ADC
DAC1
DAC2
Powered Up
Powered Up
Powered Up
-
-
-
SP_ERROR
Enabled; Active low, open drain
-
Auto Detect
Enabled
(256x/128xFs, 512x/256xFs only)
-
Serial Port Master/Slave and Speed Mode
(Selectable)
“M0” and “M1”, pins 1 and 2
(see page 29)
Async / Sync Mode
Synchronous only
-
MCLK Divide
(Selectable)
“MDIV” pin 3
(see page 30)
Serial Port Interface Format
Serial Port 1
Serial Port 2
(Selectable)
“DIF” pin 5
(see page 32)
Freeze Bit Settings
Disabled
-
ADC Volume & Gain
Soft Ramp
Zero Cross
Mute
Invert
Volume
Enabled
Disabled
Disabled
Disabled
0 dB
-
-
-
-
-
ADC High-Pass Filter
ADC High-Pass Filter Freeze
Enabled
Continuous DC Subtraction
-
-
AIN Input Select to ADC
(SDOUT source)
AIN1
-
DAC1 & DAC2 Volume & Gain
Soft Ramp
Zero Cross
Mute
Invert
Mixer
Volume
Enabled
Disabled
Disabled
Disabled
Disabled (‘00’)
0 dB
-
-
-
-
-
-
DAC1 & DAC2 De-Emphasis
Disabled
-
AOUT1x
source
Output of DAC1
-
AOUT2x
source
Output of DAC2
-
AOUT3x
source
AIN1x
-
AOUTxx
MUTE
(Selectable)
MUTE pin 4
(see page 37)
Table 9. Hardware Mode Feature Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com