Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 57Page - Cirrus Logic CS42324 Datasheet HTML 58Page - Cirrus Logic CS42324 Datasheet HTML 59Page - Cirrus Logic CS42324 Datasheet HTML 60Page - Cirrus Logic CS42324 Datasheet HTML 61Page - Cirrus Logic CS42324 Datasheet HTML 62Page - Cirrus Logic CS42324 Datasheet HTML 63Page - Cirrus Logic CS42324 Datasheet HTML 64Page - Cirrus Logic CS42324 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
DS721A6
61
CS42324
6.19.7
ADC Positive Overflow Mask (ADC_OVFLPM)
This bit serves as a mask for the ADC positive overflow interrupt source. If this bit is cleared, the
ADC_OVFLP interrupt is unmasked, meaning that if the ADC_OVFLP conditions are met in the interrupt
status register, the INT pin will go active according to the ADC_OVFLx[1:0] bits in the “Interrupt Mode (Ad-
dress 16h)” register on page 59. If the ADC_OVFLPM bit is set, the ADC_OVFLP condition is masked,
meaning that its occurrence will not affect the INT pin. However, the OVFL pin will continue to reflect the
overflow state of the ADC.
6.19.8
ADC Negative Overflow Mask (ADC_OVFLNM)
This bit serves as a mask for the ADC negative overflow interrupt source. If this bit is cleared, the
ADC_OVFLN interrupt is unmasked, meaning that if the ADC_OVFLN conditions are met in the interrupt
status register, the INT pin will go active according to the ADC_OVFLx[1:0] bits in the “Interrupt Mode (Ad-
dress 16h)” register on page 59. If the ADC_OVFLNM bit is set, the ADC_OVFLN condition is masked,
meaning that its occurrence will not affect the INT pin. However, the OVFL pin will continue to reflect the
overflow state of the ADC.
6.20
Interrupt Status (Address 18h) (Read Only)
This register defaults to 00h and is read only. If the INT pin is active, reading this register clears the interrupt
condition.
6.20.1
DAC2 Auto Mute Left Interrupt Status (DAC2_AMUTEL)
This bit is read only. When set, indicates that DAC2 left channel has had an auto-mute condition since the
last read of this register. Conditions which cause an auto-mute, such as receiving 4096 consecutive sam-
ples of zeroes or ones on the left channel of SDIN2, will cause this bit to be set. This interrupt status bit
is an edge-triggered event and will be cleared following a read of this register.
The INT pin will go active according to the DAC_AMUTE[1:0] bits in the “Interrupt Mode (Address 16h)”
on page 59 and the status of this bit if DAC2_AMUTELM bit is cleared.
6.20.2
DAC2 Auto Mute Right Interrupt Status (DAC2_AMUTER)
This bit is read only. When set, indicates that DAC2 right channel has had an auto-mute condition since
the last read of this register. Conditions which cause an auto-mute, such as receiving 4096 consecutive
samples of zeroes or ones on the right channel of SDIN2, will cause this bit to be set. This interrupt status
bit is an edge-triggered event and will be cleared following a read of this register.
The INT pin will go active according to the DAC_AMUTE[1:0] bits in the “Interrupt Mode (Address 16h)”
on page 59 and the status of this bit if DAC2_AMUTERM bit is cleared.
7
6
5
432
10
DAC2_
AMUTEL
DAC2_
AMUTER
DAC1_
AMUTEL
DAC1_
AMUTER
SP2_
CLKERR
SP1_
CLKERR
ADC_
OVFLP
ADC_
OVFLN
Bit Settings
Bit in Interrupt Register
0
Interrupt has not occurred since the last read of this register.
1
Interrupt has occurred since the last read of this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com