Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 41Page - Cirrus Logic CS42324 Datasheet HTML 42Page - Cirrus Logic CS42324 Datasheet HTML 43Page - Cirrus Logic CS42324 Datasheet HTML 44Page - Cirrus Logic CS42324 Datasheet HTML 45Page - Cirrus Logic CS42324 Datasheet HTML 46Page - Cirrus Logic CS42324 Datasheet HTML 47Page - Cirrus Logic CS42324 Datasheet HTML 48Page - Cirrus Logic CS42324 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
DS721A6
45
CS42324
10h
ADC Ch A
Volume Control
ADCA_
VOL7
ADCA_
VOL6
ADCA_
VOL5
ADCA_
VOL4
ADCA_
VOL3
ADCA_
VOL2
ADCA_
VOL1
ADCA_
VOL0
page 58
0
0000000
11h
ADC Ch B
Volume Control
ADCB_
VOL7
ADCB_
VOL6
ADCB_
VOL5
ADCB_
VOL4
ADCB_
VOL3
ADCB_
VOL2
ADCB_
VOL1
ADCB_
VOL0
page 58
0
0000000
12h
DAC1 Ch A
Volume Control
DAC1A_
VOL7
DAC1A_
VOL6
DAC1A_
VOL5
DAC1A_
VOL4
DAC1A_
VOL3
DAC1A_
VOL2
DAC1A_
VOL1
DAC1A_
VOL0
page 58
0
0000000
13h
DAC1 Ch B
Volume Control
DAC1B_
VOL7
DAC1B_
VOL6
DAC1B_
VOL5
DAC1B_
VOL4
DAC1B_
VOL3
DAC1B_
VOL2
DAC1B_
VOL1
DAC1B_
VOL0
page 58
0
0000000
14h
DAC2 Ch A
Volume Control
DAC2A_
VOL7
DAC2A_
VOL6
DAC2A_
VOL5
DAC2A_
VOL4
DAC2A_
VOL3
DAC2A_
VOL2
DAC2A_
VOL1
DAC2A_
VOL0
page 59
0
0000000
15h
DAC2 Ch B
Volume Control
DAC2B_
VOL7
DAC2B_
VOL6
DAC2B_
VOL5
DAC2B_
VOL4
DAC2B_
VOL3
DAC2B_
VOL2
DAC2B_
VOL1
DAC2B_
VOL0
page 59
0
0000000
16h
Interrupt Mode
SP2_
CLKERR1
SP2_
CLKERR0
SP1_
CLKERR1
SP1_
CLKERR0
DAC_
AMUTE1
DAC_
AMUTE0
ADC_
OVFLx1
ADC_
OVFLx0
page 59
0
0000000
17h
Interrupt Mask
DAC2_
AMUTELM
DAC2_
AMUTERM
DAC1_
AMUTELM
DAC1_
AMUTERM
SP2_
CLKERRM
SP1_
CLKERRM
ADC_
OVFLPM
ADC_
OVFLNM
page 59
0
0000000
18h
Interrupt Status
DAC2_
AMUTEL
DAC2_
AMUTER
DAC1_
AMUTEL
DAC1_
AMUTER
SP2_
CLKERR
SP1_
CLKERR
ADC_
OVFLP
ADC_
OVFLN
page 61
0
0000000
Addr
Function
7
65
4
32
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com