Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 52Page - Cirrus Logic CS42324 Datasheet HTML 53Page - Cirrus Logic CS42324 Datasheet HTML 54Page - Cirrus Logic CS42324 Datasheet HTML 55Page - Cirrus Logic CS42324 Datasheet HTML 56Page - Cirrus Logic CS42324 Datasheet HTML 57Page - Cirrus Logic CS42324 Datasheet HTML 58Page - Cirrus Logic CS42324 Datasheet HTML 59Page - Cirrus Logic CS42324 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
56
DS721A6
CS42324
6.11.5
DAC2 Loop-Back
Loops ADC SDOUT, SCLK, and LRCK to DAC1 serial port pins.
6.11.6
DAC2 Invert Signal Polarity
When enabled, this bit will effect a 180 degree phase shift in the DAC2 channels.
6.11.7
DAC2 Channel Mixer
These bits implements mono mixes of the left and right channels as well as a left/right channel swap.
6.12
AOUT1 Control (Address 0Dh)
6.12.1
External Mute Control Pin
This bit controls the logic state of the corresponding MUTEC1 pin. Though this bit is active high, it should
be noted that the MUTEC1 pin is active low.
6.12.2
AOUT1 Select
These bits are used to select the analog output source.
DAC2_LOOP_
BACK
DAC2 Loop-Back
0
Off
1
On
DAC2_INV
DAC2 Invert Signal Polarity
0
Off
1
On
DAC2_MIX[1:0]
DAC2 OUTA
DAC2 OUTB
00
L
R
01
10
11
R
L
76
543
21
0
Reserved
Reserved
Reserved
Reserved
MUTEC1
AOUT1_SEL2 AOUT1_SEL1 AOUT1_SEL0
MUTEC1
Output on MUTEC1 pin
0
High (Mute Disengaged)
1
Low (Mute Engaged)
AOUT1_SEL[2:0]
AOUT1 Source
000
Reserved
001
AIN Pair 1
010
AIN Pair 2
011
AIN Pair 3
100
AIN Pair 4
101
AIN Pair 5
110
DAC1 Output Pair
111
DAC2 Output Pair
LR
+
2
-----------
LR
+
2
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com