Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 46Page - Cirrus Logic CS42324 Datasheet HTML 47Page - Cirrus Logic CS42324 Datasheet HTML 48Page - Cirrus Logic CS42324 Datasheet HTML 49Page - Cirrus Logic CS42324 Datasheet HTML 50Page - Cirrus Logic CS42324 Datasheet HTML 51Page - Cirrus Logic CS42324 Datasheet HTML 52Page - Cirrus Logic CS42324 Datasheet HTML 53Page - Cirrus Logic CS42324 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
50
DS721A6
CS42324
6.5
Serial Port 2 Control (Address 04h)
6.5.1
Serial Port 2 Master/Slave Select
This bit configures Serial Port 2 to operate as either a clock master or clock slave.
6.5.2
Serial Port 2 Speed Mode
In Master Mode this bit configures the speed mode of Serial Port 2.
6.5.3
MCLK2 Divider
These bits configure the internal MCLK2 dividers.
6.5.4
Serial Port 2 MCLK Source
This bit selects which MCLK pin provides the clock for deriving Master Mode sub-clocks for Serial Port 2.
6.6
ADC Clocking (Address 06h)
6.6.1
ADC MCLK Source
This bit selects which MCLK pin provides the clock for the ADC.
76
543
21
0
SP2_M/S
Reserved
Reserved0
SP2_SPEED
MCLK2
FREQ1
MCLK2
FREQ0
Reserved
SP2_MCLK
SP2_M/S
Serial Port 2 Master/Slave Select
0
Slave Mode
1
Master Mode
SP2_SPEED
Serial Port 2 Speed Mode
0
Single-Speed Mode (SSM)
1
Double-Speed Mode (DSM)
MCLK2
FREQ[1:0]
MCLK Divider
00
÷1
01
÷1.5
10
÷2
11
÷3
SP2_MCLK
Serial Port 2 MCLK source
0
MCLK1
1MCLK2
76
543
21
0
Reserved
ADC_MCLK
Reserved
ADC_SP
Reserved
Reserved
ADC_DIF1
ADC_DIF0
ADC_MCLK
ADC MCLK source
0
MCLK1
1MCLK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com