Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 29Page - Cirrus Logic CS42324 Datasheet HTML 30Page - Cirrus Logic CS42324 Datasheet HTML 31Page - Cirrus Logic CS42324 Datasheet HTML 32Page - Cirrus Logic CS42324 Datasheet HTML 33Page - Cirrus Logic CS42324 Datasheet HTML 34Page - Cirrus Logic CS42324 Datasheet HTML 35Page - Cirrus Logic CS42324 Datasheet HTML 36Page - Cirrus Logic CS42324 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
DS721A6
33
CS42324
4.3
Analog-to-Digital Data Path
4.3.1
ADC Analog Input Multiplexer
AINxA and AINxB are the analog inputs, internally biased to VCMADC. The CS42324 contains a stereo
5-to-1 analog input multiplexer which can select one of 5 possible stereo analog input sources and route
it to the ADC. Figure 16 shows the architecture of the input multiplexer.
“Section 6.9 “ADC Control (Address 0Ah)” on page 52” outlines the bit settings necessary to control the in-
put multiplexer. By default, line level input 1 is selected.
4.3.2
ADC Description
The ADC analog modulator samples the input at 6.144 MHz (MCLK=12.288 MHz). The digital filter will
reject signals within the stopband of the filter. However, there is no rejection for input signals which are
(n × 6.144 MHz) the digital passband frequency, where n=0,1,2,... Refer to the Typical Connection Dia-
gram for the recommended analog input circuit that will attenuate noise energy at 6.144 MHz. The use of
capacitors which have a large voltage coefficient (such as general purpose ceramics) must be avoided
since these can degrade signal linearity. Any unused analog input pairs should be left unconnected.
The ADC output data is in two’s complement binary format. For inputs above positive full-scale or below
negative full-scale, the ADC will output 7FFFFFH or 800000H, respectively and cause the ADC overflow
bit to be set to a ‘1’.
Given the two’s complement format, low-level signals may cause the MSB of the serial data to periodically
toggle between ‘1’ and ‘0’, possibly introducing noise into the system as the bit switches back and forth.
To prevent this phenomena, a constant DC offset is added to the serial data bringing the low-level signal
just above the point at which the MSB would normally toggle, thus reducing the noise introduced. Note
that this offset is not removed (refer to “ADC Analog Characteristics - Commercial (-CQZ)” on page 17 for
the specified offset level).
MUX
AIN1A
AIN2A
AIN3A
AIN5A
AIN4A
AIN_SEL[2:0]
Out to ADC
Channel A
Out to ADC
Channel B
MUX
AIN1B
AIN2B
AIN3B
AIN5B
AIN4B
Figure 16. Analog Input Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com