Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 54Page - Cirrus Logic CS42324 Datasheet HTML 55Page - Cirrus Logic CS42324 Datasheet HTML 56Page - Cirrus Logic CS42324 Datasheet HTML 57Page - Cirrus Logic CS42324 Datasheet HTML 58Page - Cirrus Logic CS42324 Datasheet HTML 59Page - Cirrus Logic CS42324 Datasheet HTML 60Page - Cirrus Logic CS42324 Datasheet HTML 61Page - Cirrus Logic CS42324 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 71 page
background image
58
DS721A6
CS42324
6.14.2
AOUT3 Select
These bits are used to select the analog output source.
6.15
ADCx Volume Control: ADCA (Address 10h) & ADCB (Address 11h)
The level for each channel of the ADC can be adjusted in 0.5 dB increments as dictated by the ADC Soft
and Zero Cross bits (ADC_SOFT) from +12 to -84 dB. Levels are decoded in two’s complement, as shown
in the table below.
6.16
DAC1x Volume Control: DAC1A (Address 12h) & DAC1B (Address 13h)
The level for each channel of DAC1 output can be adjusted in 0.5 dB increments as dictated by the DAC1
Soft and Zero Cross bits (DAC1_SOFT & DAC1_ZC) from 0 to -127.5 dB. Levels are decoded as unsigned,
as shown in the table below.
AOUT3_SEL[2:0]
AOUT3 Source
000
Reserved
001
AIN Pair 1
010
AIN Pair 2
011
AIN Pair 3
100
AIN Pair 4
101
AIN Pair 5
110
DAC1 Output Pair
111
DAC2 Output Pair
76
543
21
0
ADCx_VOL7
ADCx_VOL6
ADCx_VOL5
ADCx_VOL4
ADCx_VOL3
ADCx_VOL2
ADCx_VOL1
ADCx_VOL0
Binary Code
Volume Setting
0001 1000
+12.0 dB
···
···
0000 0000
0.0 dB
1111 1111
-0.5 dB
1111 1110
-1.0 dB
···
···
0101 1000
-84.0 dB
All other values
Reserved
76
543
21
0
DAC1x_VOL7 DAC1x_VOL6 DAC1x_VOL5 DAC1x_VOL4 DAC1x_VOL3 DAC1x_VOL2 DAC1x_VOL1 DAC1x_VOL0
Binary Code
Volume Setting
0000 0000
0 dB
0000 0001
-0.5 dB
0000 0010
-1.0 dB
···
···
1111 1111
-127.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com