Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 8Page - Cirrus Logic CS42324 Datasheet HTML 9Page - Cirrus Logic CS42324 Datasheet HTML 10Page - Cirrus Logic CS42324 Datasheet HTML 11Page - Cirrus Logic CS42324 Datasheet HTML 12Page - Cirrus Logic CS42324 Datasheet HTML 13Page - Cirrus Logic CS42324 Datasheet HTML 14Page - Cirrus Logic CS42324 Datasheet HTML 15Page - Cirrus Logic CS42324 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
12
DS721A6
CS42324
1.3
Digital I/O Pin Characteristics
The logic level for each input should adhere to the corresponding power rail and should not exceed the max-
imum ratings.
Power
Supply
Pin
Number
Pin Name
I/O
Driver
Receiver
Software Mode
VL
1SDA
CDOUT
Input/Output
Hi-Z/Output
1.8 V - 3.3 V, Open Drain
1.8 V - 3.3 V, CMOS
1.8 V - 3.3 V, with Hysteresis
2
SCL
CCLK
Input
-
1.8 V - 3.3 V, with Hysteresis
3
AD0
CS
Input
-
1.8 V - 3.3 V, with Hysteresis
4
AD1
CDIN
Input
-
1.8 V - 3.3 V, with Hysteresis
5
INT
Output
1.8 V - 3.3 V, Open Drain
1.8 V - 3.3 V, with Hysteresis
Hardware Mode
VL
1
M0
Input
-
1.8 V - 3.3 V, with Hysteresis
2
M1
Input
-
1.8 V - 3.3 V, with Hysteresis
3
MDIV
Input
-
1.8 V - 3.3 V, with Hysteresis
4
MUTE
Input
-
1.8 V - 3.3 V, with Hysteresis
5
DIF
Input
-
1.8 V - 3.3 V, with Hysteresis
All Modes
VL
35
RST
Input
-
1.8 V - 3.3 V
47
40
LRCK1
LRCK2
Input/Output
1.8 V - 3.3 V, CMOS
1.8 V - 3.3 V
46
41
SCLK1
SCLK2
Input/Output
1.8 V - 3.3 V, CMOS
1.8 V - 3.3 V
48
39
MCLK1
MCLK2
Input
-
1.8 V - 3.3 V
38
37
SDIN1
SDIN2
Input
-
1.8 V - 3.3 V
45
SDOUT
Output
1.8 V - 3.3 V, CMOS
-
36
OVFL
Output
1.8 V - 3.3 V, Open Drain
-
VA_H
11
12
13
MUTEC1
MUTEC2
MUTEC3
Output
9.0 V - 12.0 V
-
Table 1. I/O Power Rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com