Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42324 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 35Page - Cirrus Logic CS42324 Datasheet HTML 36Page - Cirrus Logic CS42324 Datasheet HTML 37Page - Cirrus Logic CS42324 Datasheet HTML 38Page - Cirrus Logic CS42324 Datasheet HTML 39Page - Cirrus Logic CS42324 Datasheet HTML 40Page - Cirrus Logic CS42324 Datasheet HTML 41Page - Cirrus Logic CS42324 Datasheet HTML 42Page - Cirrus Logic CS42324 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
DS721A6
39
CS42324
4.5.4
Initialization Flow Chart
Figure 19. Initialization Flow Chart
DAC / ADC
Initialization
Software Mode
Registers setup to
desired settings.
RST = Low?
No Power
1. No audio signal
generated.
Off Mode (Power Applied)
1. No audio signal generated.
2. Control Port Registers reset
to default.
Pull-up on SDOUT?
Hardware Mode
Minimal feature
set support.
PDN bit = '1'b?
Sub-Clocks Applied
1. LRCKx valid.
2. SCLKx valid.
3. Audio samples
processed.
Valid
MCLKx/LRCKx
Ratio?
No
Yes
No
Yes
No
Yes
Yes
No
Normal Operation
Audio signal generated per control port or stand-
alone settings.
Analog Output Freeze
1. AOUTx bias = last audio sample.
2. DAC Modulators stop operation.
3. Audible pops.
ERROR: MCLKx removed
PDN bit set to '1'b
(software mode only)
Standby Mode
1. No audio signal generated.
2. Control Port Registers retain
settings.
3. Update Control Port Registers
as Required.
Reset Transition
1. Pops suppressed.
Power Off Transition
1. Audible pops.
ERROR: Power removed
20 ms delay
Charge Caps
1. VCMADC/VCMDAC
Charged to quiescent voltage.
2. Filt+/VBIAS Charged.
2048 internal
MCLKx cycle delay
Digital/Analog
Output Muted
20
μs delay (DAC
only)
Stand-By
Transition
1. Pops suppressed.
ERROR: MCLKx/LRCKx ratio change
RST = Low
Power Applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com