Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC220 Datasheet (PDF) - TEWS Technologies GmbH

TAMC220 Datasheet PDF - TEWS Technologies GmbH
Part # TAMC220
Download  TAMC220 Download
File Size   171.22 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O

TAMC220 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAMC220 Datasheet PDF - TEWS Technologies GmbH

Part # TAMC220
Download  TAMC220 Click to download

File Size   171.22 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O

TAMC220 Datasheet (HTML) - TEWS Technologies GmbH


TAMC220 Product details

Application Information
The TAMC220 is a standard double Mid-Size/Full-Size AMC.1 (PCI-Express) and MTCA.4 compliant carrier for up to three single-size, or one double-size and one single-size IndustryPack (IP) modules. It can be used to build modular, flexible and cost effective I/O solutions for all kinds of applications like process control, medical systems, telecommunication and traffic control. The TAMC220 is a versatile solution to upgrade well known legacy I/O solutions to a high performance form factor.
Two AirMaxVS™ connectors provide access to all IP I/O lines via a compatible μRTM, such as the TAMC002-TM.
The IP power lines are protected by self-healing fuses and are RF filtered. The operating temperature range is -40°C to +85°C.
According to AMC.0, the TAMC220 provides an IPMI compliant Module Management Controller (MMC) with temperature monitoring and hot-swap support.
The TAMC220 is available as a mid-size module or as a full-size module.
TCLKA and TCLKB are connected to the μRTM via M-LVDS transceivers. Both signals can be used as bi-directional single-ended signals.




Similar Part No. - TAMC220

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC200 TEWS-TAMC200 Datasheet
351Kb / 2P
AMC Carrier for 3 IndustryPacks®
2017-08-17
TAMC200-10R TEWS-TAMC200-10R Datasheet
351Kb / 2P
AMC Carrier for 3 IndustryPacks®
2017-08-17
TAMC200-11R TEWS-TAMC200-11R Datasheet
351Kb / 2P
AMC Carrier for 3 IndustryPacks®
2017-08-17
TAMC200-DOC TEWS-TAMC200-DOC Datasheet
351Kb / 2P
AMC Carrier for 3 IndustryPacks®
2017-08-17
TAMC260 TEWS-TAMC260 Datasheet
228Kb / 2P
PMC-Carrier for AMC
2017-09-20
More results


Similar Description - TAMC220

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L517D WINBOND-W83L517D_05 Datasheet
847Kb / 133P
LPC I/O for Notebook
logo
Advantech Co., Ltd.
IPC-603MB ADVANTECH-IPC-603MB Datasheet
1Mb / 2P
2U 3-Slot Rackmount Chassis for ATX/MicroATX Motherboard with Front I/O
PCLD-786 ADVANTECH-PCLD-786 Datasheet
514Kb / 1P
8-ch SSR I/O Module Carrier Board
IPC-603MB ADVANTECH-IPC-603MB_12 Datasheet
2Mb / 2P
2U 3-Slot Rackmount Chassis for ATX/MicroATX Motherboard with Front I/O
logo
Tripp Lite. All Rights ...
RELAYIOMINI TRIPPLITE-RELAYIOMINI Datasheet
507Kb / 2P
3 Relay I-O Mini-module
logo
Advantech Co., Ltd.
ADAM-5000ECAT ADVANTECH-ADAM-5000ECAT_15 Datasheet
223Kb / 1P
4-slot Distributed High Speed I/O System for EtherCAT
IPC-603 ADVANTECH-IPC-603_15 Datasheet
1Mb / 2P
2U 3-Slot Rackmount Chassis for ATX/ MicroATX Motherboard with Front I/O
logo
ON Semiconductor
LC709006A ONSEMI-LC709006A Datasheet
121Kb / 14P
I/O-Expander for Microcontroller
May, 2013 Ver.1.2
logo
Advantech Co., Ltd.
IPC-603 ADVANTECH-IPC-603_V01 Datasheet
1Mb / 2P
2U 3-Slot Rackmount Chassis for ATX/ MicroATX Motherboard with Front I/O
20-Feb-2020
logo
Intel Corporation
313057-024 INTEL-313057-024 Datasheet
332Kb / 33P
Intel® I/O Controller Hub 8 (ICH8) Family
December 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com