Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC200-DOC Datasheet (PDF) - TEWS Technologies GmbH

TAMC200-DOC Datasheet PDF - TEWS Technologies GmbH
Part # TAMC200-DOC
Download  TAMC200-DOC Download
File Size   351.69 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description AMC Carrier for 3 IndustryPacks®

TAMC200-DOC Datasheet (PDF)

Go To PDF Page Download Datasheet
TAMC200-DOC Datasheet PDF - TEWS Technologies GmbH

Part # TAMC200-DOC
Download  TAMC200-DOC Click to download

File Size   351.69 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description AMC Carrier for 3 IndustryPacks®

TAMC200-DOC Datasheet (HTML) - TEWS Technologies GmbH


TAMC200-DOC Product details

Application Information
The TAMC200 is a standard double Mid-Size/Full-Size AMC.1 (PCI-Express) compliant carrier for up to three single-size or one double-size and one single-size IndustryPack (IP) modules used to build modular, flexible and cost effective I/O solutions for all kinds of applications like process control, medical systems, telecommunication and traffic control. Three VHD68 SCSI-V (VHDCI/Champ) type connectors provide access to all IP I/O lines.
The TAMC200 is a versatile solution to upgrade well known legacy I/O solutions to a high performance form factor.
All IP interrupt request lines are mapped to PCIe INTA, alternatively Message Signaled Interrupts (MSI) can be used. For fast interrupt source detection the TAMC200 provides a special IP interrupt status register.
The IP power lines are fuse protected by self-healing fuses and RF filtered. The operating temperature range is -40°C to +85°C.
According to AMC.0, the TAMC200 provides an IPMI compliant Module Management Controller (MMC) with temperature monitoring and hot-swap support.




Similar Part No. - TAMC200-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC220 TEWS-TAMC220 Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC220-10R TEWS-TAMC220-10R Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC220-11R TEWS-TAMC220-11R Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC220-DOC TEWS-TAMC220-DOC Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC260 TEWS-TAMC260 Datasheet
228Kb / 2P
PMC-Carrier for AMC
2017-09-20
More results


Similar Description - TAMC200-DOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATCA-3420 ETC2-ATCA-3420 Datasheet
572Kb / 2P
Dual AMC bays
CB-96-G1 ETC2-CB-96-G1 Datasheet
752Kb / 5P
Carrier Board for
logo
Weidmuller
2434340000 WEIDMULLER-2434340000 Datasheet
154Kb / 4P
A-series AMC 2.5
July 27, 2018
logo
Molex Electronics Ltd.
0621005700 MOLEX-0621005700 Datasheet
26Kb / 1P
AMC B Removal Tool
05/10/2021
logo
Amphenol RF.
112748 RF-112748 Datasheet
59Kb / 1P
BNC PLUG FOR 1.13MM AMC CABLE
07/03/09
112751 RF-112751 Datasheet
59Kb / 1P
BNC PLUG FOR 1.32MM AMC CABLE
07/03/09
112754 RF-112754 Datasheet
212Kb / 1P
BNC PLUG FOR 1.37MM AMC CABLE
01/07/10
logo
Advantech Co., Ltd.
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
logo
Renesas Technology Corp
831752 RENESAS-831752 Datasheet
680Kb / 19P
Clock Switch for ATCA/AMC and PCIe Applications
June 28, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com