Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831752 Datasheet (PDF) - Renesas Technology Corp

831752 Datasheet PDF - Renesas Technology Corp
Part # 831752
Download  831752 Download
File Size   680.27 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Switch for ATCA/AMC and PCIe Applications

831752 Datasheet (PDF)

Go To PDF Page Download Datasheet
831752 Datasheet PDF - Renesas Technology Corp

Part # 831752
Download  831752 Click to download

File Size   680.27 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Switch for ATCA/AMC and PCIe Applications

831752 Datasheet (HTML) - Renesas Technology Corp


831752 Product details

Features
• Clock switch for PCIe and ATCA/AMC applications
• Supports local and common ATCA/AMC clock modes
• Bi-directional clock I/O FCLK:
- When operating as an output, FCLK is a source-terminated
HCSL signal.
- When operating as an input, FCLK accepts HCSL, LVDS and
LVPECL levels.
• Local clock input (CLK) accepts HCSL, LVDS and LVPECL
differential signals
• Local HCSL clock output (Q)
• Maximum input/output clock frequency: 500MHz
• Maximum input/output data rate: 1000Mb/s (NRZ)
• LVCMOS interface levels for the control inputs
• PCI Express (2.5 Gb/S), Gen 2 (5 Gb/s) and Gen 3 (8 Gb/s) jitter
compliant
• Full 3.3V or 2.5V supply voltage
• Lead-free (RoHS 6) 16-lead TSSOP package
• -40°C to 85°C ambient operating temperature




Similar Part No. - 831752

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
831752 IDT-831752 Datasheet
484Kb / 18P
Clock Switch for ATCA/AMC and PCIe Applications
831752AGILF IDT-831752AGILF Datasheet
484Kb / 18P
Clock Switch for ATCA/AMC and PCIe Applications
831752AGILFT IDT-831752AGILFT Datasheet
484Kb / 18P
Clock Switch for ATCA/AMC and PCIe Applications
831752 IDT-831752_16 Datasheet
484Kb / 18P
Clock Switch for ATCA/AMC and PCIe Applications
More results


Similar Description - 831752

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS932S421B IDT-ICS932S421B Datasheet
226Kb / 23P
PCIe Gen2 and QPI Clock for Intel-Based Servers
logo
Pericom Semiconductor C...
PI6C557-03AQ PERICOM-PI6C557-03AQ_14 Datasheet
898Kb / 9P
PCIe 2.0 Clock Generator with 2 HCSL Outputs for Automotive Applications
PI6C557-05Q PERICOM-PI6C557-05Q Datasheet
977Kb / 9P
PCIe 2.0 Clock Generator with 4 HCSL Outputs for Automotive Applications
logo
Integrated Device Techn...
831752 IDT-831752_16 Datasheet
484Kb / 18P
Clock Switch for ATCA/AMC and PCIe Applications
logo
Diodes Incorporated
PI6CG330440 DIODES-PI6CG330440 Datasheet
796Kb / 2P
19-Output PCIe 5.0 Clock Generator for Server and Data-Center Applications
PI6CB184Q DIODES-PI6CB184Q Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
PI6CG182Q DIODES-PI6CG182Q Datasheet
1Mb / 19P
2-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
PI6CG184Q DIODES-PI6CG184Q Datasheet
1Mb / 18P
4-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
PI6CG188Q DIODES-PI6CG188Q Datasheet
1Mb / 19P
8-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 January 2019
logo
Renesas Technology Corp
ICS932S421B RENESAS-ICS932S421B Datasheet
364Kb / 24P
PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com