Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831752 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 831752
Description  Clock Switch for ATCA/AMC and PCIe Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831752 Datasheet(HTML) 1 Page - Renesas Technology Corp

  831752 Datasheet HTML 1Page - Renesas Technology Corp 831752 Datasheet HTML 2Page - Renesas Technology Corp 831752 Datasheet HTML 3Page - Renesas Technology Corp 831752 Datasheet HTML 4Page - Renesas Technology Corp 831752 Datasheet HTML 5Page - Renesas Technology Corp 831752 Datasheet HTML 6Page - Renesas Technology Corp 831752 Datasheet HTML 7Page - Renesas Technology Corp 831752 Datasheet HTML 8Page - Renesas Technology Corp 831752 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
©2016 Integrated Device Technology, Inc
Revision B June 28, 2016
General Description
The 831752 is a high-performance, differential HCSL clock switch.
The device is designed for the routing of PCIe clock signals in
ATCA/AMC system and is optimized for PCIe Gen 1, Gen 2 and Gen
3. The device has one differential, bi-directional I/O (FCLK) for
connection to ATCA clock sources and to clock receivers through a
connector. The differential clock input CLK is the local clock input
and the HCSL output Q is the local clock output. In the common
clock mode, FCLK serves as an input and is routed to the differential
HCSL output Q. There are two local clock modes. In the local clock
mode 0, CLK is the input, Q is the clock output and FCLK is in
high-impedance state. In the local clock mode 1, CLK is the input
and both Q and FCLK are the outputs of the locally generated PCIe
clock signal. The 831752 is characterized to operate from a 3.3V
power or 2.5V power supply. The 831752 supports the switching of
PCI Express (2.5 Gb/s), Gen 2 (5 Gb/s) and Gen 3 (8 Gb/s) clock
signals.
Features
• Clock switch for PCIe and ATCA/AMC applications
• Supports local and common ATCA/AMC clock modes
• Bi-directional clock I/O FCLK:
- When operating as an output, FCLK is a source-terminated
HCSL signal.
- When operating as an input, FCLK accepts HCSL, LVDS and
LVPECL levels.
• Local clock input (CLK) accepts HCSL, LVDS and LVPECL
differential signals
• Local HCSL clock output (Q)
• Maximum input/output clock frequency: 500MHz
• Maximum input/output data rate: 1000Mb/s (NRZ)
• LVCMOS interface levels for the control inputs
• PCI Express (2.5 Gb/S), Gen 2 (5 Gb/s) and Gen 3 (8 Gb/s) jitter
compliant
• Full 3.3V or 2.5V supply voltage
• Lead-free (RoHS 6) 16-lead TSSOP package
• -40°C to 85°C ambient operating temperature
831752
16-lead TSSOP
4.4mm x 5.0mm x 0.925mm package body
G Package, Top View
Pin Assignment
16
IREF
15
GND
14
VDD
13
Q
12
nQ
11
GND
10
VDD
9
nc
DIR_SEL
1
nOEFCLK
2
VDD
3
FCLK
4
nFCLK
5
GND
6
CLK
7
nCLK
8
Block Diagram
Pulldown
Pullup/Pulldown
Pullup
Pulldown
FCLK
nFCLK
CLK
nCLK
nOEFCLK
DIR_SEL
IREF
1
0
Q
nQ
1=disable
50
50
50
50
22.33
22.33
Clock Switch for ATCA/AMC and PCIe
Applications
831752
Data Sheet


Similar Part No. - 831752

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
831752 IDT-831752 Datasheet
484Kb / 18P
Clock Switch for ATCA/AMC and PCIe Applications
831752AGILF IDT-831752AGILF Datasheet
484Kb / 18P
Clock Switch for ATCA/AMC and PCIe Applications
831752AGILFT IDT-831752AGILFT Datasheet
484Kb / 18P
Clock Switch for ATCA/AMC and PCIe Applications
831752 IDT-831752_16 Datasheet
484Kb / 18P
Clock Switch for ATCA/AMC and PCIe Applications
More results

Similar Description - 831752

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS932S421B IDT-ICS932S421B Datasheet
226Kb / 23P
PCIe Gen2 and QPI Clock for Intel-Based Servers
logo
Pericom Semiconductor C...
PI6C557-03AQ PERICOM-PI6C557-03AQ_14 Datasheet
898Kb / 9P
PCIe 2.0 Clock Generator with 2 HCSL Outputs for Automotive Applications
PI6C557-05Q PERICOM-PI6C557-05Q Datasheet
977Kb / 9P
PCIe 2.0 Clock Generator with 4 HCSL Outputs for Automotive Applications
logo
Integrated Device Techn...
831752 IDT-831752_16 Datasheet
484Kb / 18P
Clock Switch for ATCA/AMC and PCIe Applications
logo
Diodes Incorporated
PI6CG330440 DIODES-PI6CG330440 Datasheet
796Kb / 2P
19-Output PCIe 5.0 Clock Generator for Server and Data-Center Applications
PI6CB184Q DIODES-PI6CB184Q Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
PI6CG182Q DIODES-PI6CG182Q Datasheet
1Mb / 19P
2-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
PI6CG184Q DIODES-PI6CG184Q Datasheet
1Mb / 18P
4-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
PI6CG188Q DIODES-PI6CG188Q Datasheet
1Mb / 19P
8-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 January 2019
logo
Renesas Technology Corp
ICS932S421B RENESAS-ICS932S421B Datasheet
364Kb / 24P
PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com