Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC200-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TAMC200-DOC
Description  AMC Carrier for 3 IndustryPacks®
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC200-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TAMC200-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC200-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TAMC200
AMC Carrier for 3 IndustryPacks®
Application Information
The TAMC200 is a standard double Mid-Size/Full-Size
AMC.1 (PCI-Express) compliant carrier for up to three
single-size or
one double-size and one single-size
IndustryPack (IP) modules used to build modular, flexible
and cost effective I/O solutions for all kinds of applications
like process control, medical systems, telecommunication
and traffic control. Three VHD68 SCSI-V (VHDCI/Champ)
type connectors provide access to all IP I/O lines.
The TAMC200 is a versatile solution to upgrade well
known legacy I/O solutions to a high performance form
factor.
All IP interrupt request lines are mapped to PCIe INTA,
alternatively Message Signaled Interrupts (MSI) can be
used. For fast interrupt source detection the TAMC200
provides a special IP interrupt status register.
The IP power lines are fuse protected by self-healing
fuses and RF filtered. The operating temperature range is
-40°C to +85°C.
According to AMC.0, the TAMC200 provides an IPMI
compliant Module Management Controller (MMC) with
temperature monitoring and hot-swap support.
Technical Information
 Form Factor: PCIMG AMC.1 Module
 Board size: 180.6mm x 146.5mm
 Double Mid-Size or Full-Size front panel
 Fabric Interface:
 PCIe single lane (x1) on AMC Port 4 (AMC.1
Type 1 compliant)
 IPMI V1.5 Support
 Front Panel LEDs:
 Blue Hot-Swap LED
 Red Fail LED (LED1)
 Green Power Good / Activity LED (LED 2)
 ANSI/VITA 4-1995 compliant interface to three
IndustryPack modules
 3 IndustryPack slots: three single-size IPs or one
single-size and one double-size IP
 8/32 MHz interface, no DMA
 8 Mbytes memory space per IP Slot
 Routing of all IP interrupts to PCIe INTA/MSI,
local interrupt status register
 I/O access: VHD68 SCSI-V (VHDCI/Champ) type
connector per IP
 Self-Healing fuses and RF-filtering on all IP power
lines
 Operating temperature: -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C): 250.000 h
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-17
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TAMC200-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC220 TEWS-TAMC220 Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC220-10R TEWS-TAMC220-10R Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC220-11R TEWS-TAMC220-11R Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC220-DOC TEWS-TAMC220-DOC Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC260 TEWS-TAMC260 Datasheet
228Kb / 2P
PMC-Carrier for AMC
2017-09-20
More results

Similar Description - TAMC200-DOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATCA-3420 ETC2-ATCA-3420 Datasheet
572Kb / 2P
Dual AMC bays
CB-96-G1 ETC2-CB-96-G1 Datasheet
752Kb / 5P
Carrier Board for
logo
Weidmuller
2434340000 WEIDMULLER-2434340000 Datasheet
154Kb / 4P
A-series AMC 2.5
July 27, 2018
logo
Molex Electronics Ltd.
0621005700 MOLEX-0621005700 Datasheet
26Kb / 1P
AMC B Removal Tool
05/10/2021
logo
Amphenol RF.
112748 RF-112748 Datasheet
59Kb / 1P
BNC PLUG FOR 1.13MM AMC CABLE
07/03/09
112751 RF-112751 Datasheet
59Kb / 1P
BNC PLUG FOR 1.32MM AMC CABLE
07/03/09
112754 RF-112754 Datasheet
212Kb / 1P
BNC PLUG FOR 1.37MM AMC CABLE
01/07/10
logo
Advantech Co., Ltd.
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
logo
Renesas Technology Corp
831752 RENESAS-831752 Datasheet
680Kb / 19P
Clock Switch for ATCA/AMC and PCIe Applications
June 28, 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com