Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC532-TM Datasheet (PDF) - TEWS Technologies GmbH

TAMC532-TM Datasheet PDF - TEWS Technologies GmbH
Part # TAMC532-TM
Download  TAMC532-TM Download
File Size   359.76 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 32 x Analog-In MTCA.4 μRTM for Class A2.1

TAMC532-TM Datasheet (PDF)

Go To PDF Page Download Datasheet
TAMC532-TM Datasheet PDF - TEWS Technologies GmbH

Part # TAMC532-TM
Download  TAMC532-TM Click to download

File Size   359.76 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 32 x Analog-In MTCA.4 μRTM for Class A2.1

TAMC532-TM Datasheet (HTML) - TEWS Technologies GmbH


TAMC532-TM Product details

Application Information
The TAMC532-TM is a MTCA.4 compliant Micro Rear
Transition Module for the TAMC532. Eight RJ45
connectors are used as input connectors for the 32
differential analog inputs of the TAMC532 TM.
Each of the 32 differential analog inputs is connected to its
own filter block.
The filter block consists of an input Buffer with
programmable gain, a Gaussian shaping amplifier with
programmable shaping time and an output buffer with
adjustable baseline shift. The Pole-Zero compensation is
adjustable by use of a digital potentiometer. This is ideal
for readout of charge sensitive preamplifiers.
The baseline shift is useful if the input signal is always
positive (or negative). It allows to increase the gain and to
make better use of the ADC input voltage range.
All settings are common for groups of 8 inputs.
The output of the filter block is accessible by the AMC via
Zone 3.
A Clock input is available in the TAMC532-TM front panel
as well. A coaxial connector is used to feed the singleended
signal into the TAMC532-TM. After a single-ended
to LVDS conversion, the signal is connected to Zone 3,
RTM_CLK0.
Zone 3 pin assignment and the μRTM management
implementation are MTCA.4 compliant and comply with
Zone 3 Classification Recommendation according to
Class A2.1.




Similar Part No. - TAMC532-TM

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC532-TM-10R TEWS-TAMC532-TM-10R Datasheet
466Kb / 3P
32 x 12/14 Bit 50/75 Msps ADC for MTCA.4 Rear-I/O
2021-09-28
More results


Similar Description - TAMC532-TM

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C3643204SAT MOSEL-V58C3643204SAT Datasheet
278Kb / 12P
HIGH PERFORMANCE 3.3 VOLT 2M X 32 DDR SDRAM 4 X 512K X 32
logo
New Japan Radio
NJU7370 NJRC-NJU7370 Datasheet
297Kb / 10P
8 X 32 ANALOG CROSS POINT SWITCH
logo
Winbond
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
512K x 4 BANKS x 32 BITS SDRAM
logo
Maxwell Technologies
72SD3232 MAXWELL-72SD3232 Datasheet
596Kb / 41P
1 Gbit SDRAM 32-Meg X 32-Bit X 4-Banks
logo
Elite Semiconductor Mem...
M12L64322A2U ESMT-M12L64322A2U Datasheet
811Kb / 46P
512K x 32 Bit x 4 Banks
logo
Micron Technology
MT41J64M16JT MICRON-MT41J64M16JT Datasheet
2Mb / 214P
MT41J256M4 ??32 Meg x 4 x 8 banks
logo
Winbond
W9812G2KB WINBOND-W9812G2KB Datasheet
820Kb / 43P
1M X 4 BANKS X 32 BITS SDRAM
logo
Alliance Semiconductor ...
MT48LC4M32B2TG-6A ALSC-MT48LC4M32B2TG-6A Datasheet
3Mb / 79P
MT48LC4M32B2 ??1 Meg x 32 x 4 Banks
logo
Winbond
W9812G2KB-6I-TR WINBOND-W9812G2KB-6I-TR Datasheet
820Kb / 43P
1M X 4 BANKS X 32 BITS SDRAM
logo
NXP Semiconductors
PCA85162 NXP-PCA85162_V01 Datasheet
651Kb / 51P
32 x 4 automotive LCD driver for low multiplex rates
Rev. 4.2 - 23 October 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com