Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V58C3643204SAT Datasheet (PDF) - Mosel Vitelic, Corp

V58C3643204SAT Datasheet PDF - Mosel Vitelic, Corp
Part # V58C3643204SAT
Download  V58C3643204SAT Download
File Size   278.02 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 3.3 VOLT 2M X 32 DDR SDRAM 4 X 512K X 32

V58C3643204SAT Datasheet (PDF)

Go To PDF Page Download Datasheet
V58C3643204SAT Datasheet PDF - Mosel Vitelic, Corp

Part # V58C3643204SAT
Download  V58C3643204SAT Click to download

File Size   278.02 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 3.3 VOLT 2M X 32 DDR SDRAM 4 X 512K X 32

V58C3643204SAT Datasheet (HTML) - Mosel Vitelic, Corp


V58C3643204SAT Product details

Description
The V58C3643204SAT is a four bank DDR DRAM organized as 4 banks x 512K x 32. The V58C3643204SAT achieves high speed data transfer rates by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock

Features
■ 4 banks x 512K x 32 organization
■ High speed data transfer rates with system frequency up to 225 MHz
■ Data Mask for Write Control (DM)
■ Four Banks controlled by BA0 & BA1
■ Programmable CAS Latency: 3, 4
■ Programmable Wrap Sequence: Sequential or Interleave
■ Programmable Burst Length:
   2, 4, 8 full page for Sequential Type
   2, 4, 8 full page for Interleave Type
■ Automatic and Controlled Precharge Command
■ Suspend Mode and Power Down Mode
■ Auto Refresh and Self Refresh
■ Refresh Interval: 2048 cycles/16ms
■ Available in 100-pin TQFP
■ SSTL-2 Compatible I/Os
■ Double Data Rate (DDR)
■ Bidirectional Data Strobe (DQs) for input and output data, active on both edges
■ On-Chip DLL aligns DQ and DQs transitions with CLK transitions
■ Differential clock inputs CLK and CLK
■ Power Supply 3.3V ± 0.3V




Similar Part No. - V58C3643204SAT

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C365164S MOSEL-V58C365164S Datasheet
516Kb / 44P
64 Mbit DDR SDRAM 4M X 16, 3.3VOLT
More results


Similar Description - V58C3643204SAT

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C365324V MOSEL-V54C365324V Datasheet
353Kb / 21P
200/183/166/143 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 2M X 32 SDRAM 4 BANKS X 512Kbit X 32
logo
Samsung semiconductor
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
logo
Winbond
W946432AD WINBOND-W946432AD Datasheet
462Kb / 40P
512K X 4 BANKS X 32 BITS DDR SDRAM
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M53D5121632A ESMT-M53D5121632A Datasheet
1Mb / 47P
2M x 32 Bit x 4 Banks Mobile DDR SDRAM
M53D256328A ESMT-M53D256328A Datasheet
715Kb / 47P
2M x 32 Bit x 4 Banks Mobile DDR SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com