Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V58C365164S Datasheet (PDF) - Mosel Vitelic, Corp

V58C365164S Datasheet PDF - Mosel Vitelic, Corp
Part # V58C365164S
Download  V58C365164S Download
File Size   516.18 Kbytes
Page   44 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 64 Mbit DDR SDRAM 4M X 16, 3.3VOLT

V58C365164S Datasheet (PDF)

Go To PDF Page Download Datasheet
V58C365164S Datasheet PDF - Mosel Vitelic, Corp

Part # V58C365164S
Download  V58C365164S Click to download

File Size   516.18 Kbytes
Page   44 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 64 Mbit DDR SDRAM 4M X 16, 3.3VOLT

V58C365164S Datasheet (HTML) - Mosel Vitelic, Corp


V58C365164S Product details

Description
The V58C365164S is a four bank DDR DRAM organized as 4 banks x 1Mbit x 16. The V58C365164S achieves high speed data transfer rates by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock
All of the control, address, circuits are synchronized with the positive edge of an externally supplied clock. I/O transactions are possible on both edges of DQS.

Features
■ 4 banks x 1Mbit x 16 organization
■ High speed data transfer rates with system frequency up to 275 MHz
■ Data Mask for Write Control (DM)
■ Four Banks controlled by BA0 & BA1
■ Programmable CAS Latency: 2, 2.5, 3
■ Programmable Wrap Sequence: Sequential or Interleave
■ Programmable Burst Length:
   2, 4, 8 for Sequential Type
   2, 4, 8 for Interleave Type
■ Automatic and Controlled Precharge Command
■ Suspend Mode and Power Down Mode
■ Auto Refresh and Self Refresh
■ Refresh Interval: 4096 cycles/64 ms
■ Available in 66-pin 400 mil TSOP-II
■ SSTL-2 Compatible I/Os
■ Double Data Rate (DDR)
■ Bidirectional Data Strobe (DQs) for input and output data, active on both edges
■ On-Chip DLL aligns DQ and DQs transitions with CLK transitions
■ Differential clock inputs CLK and CLK
■ Power supply 3.3V ± 0.3V
■ VDDQ (I/O) power supply 2.5 + 0.2V




Similar Part No. - V58C365164S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C3643204SAT MOSEL-V58C3643204SAT Datasheet
278Kb / 12P
HIGH PERFORMANCE 3.3 VOLT 2M X 32 DDR SDRAM 4 X 512K X 32
More results


Similar Description - V58C365164S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C265164S MOSEL-V58C265164S Datasheet
451Kb / 44P
64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
logo
Etron Technology, Inc.
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
4M x 16 DDR Synchronous DRAM (SDRAM)
logo
Integrated Circuit Solu...
IC43R16160 ICSI-IC43R16160 Datasheet
1Mb / 56P
4M x 16 Bit x 4 Banks (256-MBIT) DDR SDRAM
logo
Integrated Silicon Solu...
IS43R16160A ISSI-IS43R16160A Datasheet
770Kb / 56P
16Meg x 16 256-MBIT DDR SDRAM
IS43R16320A ISSI-IS43R16320A Datasheet
235Kb / 18P
32Meg x 16 512-MBIT DDR SDRAM
IS43R16800A1 ISSI-IS43R16800A1 Datasheet
2Mb / 72P
8Meg x 16 128-MBIT DDR SDRAM
logo
Winbond
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
4M x 4 BANKS x 16 BIT DDR SDRAM
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
4M X 4 BANKS X 16 BITS DDR SDRAM
logo
Cypress Semiconductor
CY62187EV30 CYPRESS-CY62187EV30 Datasheet
374Kb / 12P
64 Mbit (4M x 16) Static RAM
logo
Etron Technology, Inc.
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
4M x 16 DDR Synchronous DRAM (SDRAM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com