Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V58C265164S Datasheet (PDF) - Mosel Vitelic, Corp

V58C265164S Datasheet PDF - Mosel Vitelic, Corp
Part # V58C265164S
Download  V58C265164S Download
File Size   451.7 Kbytes
Page   44 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 64 Mbit DDR SDRAM 2.5 VOLT 4M X 16

V58C265164S Datasheet (PDF)

Go To PDF Page Download Datasheet
V58C265164S Datasheet PDF - Mosel Vitelic, Corp

Part # V58C265164S
Download  V58C265164S Click to download

File Size   451.7 Kbytes
Page   44 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 64 Mbit DDR SDRAM 2.5 VOLT 4M X 16

V58C265164S Datasheet (HTML) - Mosel Vitelic, Corp


V58C265164S Product details

Description
The V58C265164S is a four bank DDR DRAM organized as 4 banks x 1Mbit x 16. The V58C265164S achieves high speed data transfer rates by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock

Features
■ 4 banks x 1Mbit x 16 organization
■ High speed data transfer rates with system frequency up to 250 MHz
■ Data Mask for Write Control (DM)
■ Four Banks controlled by BA0 & BA1
■ Programmable CAS Latency: 2, 2.5, 3
■ Programmable Wrap Sequence: Sequential or Interleave
■ Programmable Burst Length:
   2, 4, 8 for Sequential Type
   2, 4, 8 for Interleave Type
■ Automatic and Controlled Precharge Command
■ Suspend Mode and Power Down Mode
■ Auto Refresh and Self Refresh
■ Refresh Interval: 4096 cycles/64 ms
■ Available in 66-pin 400 mil TSOP-II
■ SSTL-2 Compatible I/Os
■ Double Data Rate (DDR)
■ Bidirectional Data Strobe (DQs) for input and output data, active on both edges
■ On-Chip DLL aligns DQ and DQs transitions with CLK transitions
■ Differential clock inputs CLK and CLK
■ Power supply 2.5V ± 0.2V




Similar Part No. - V58C265164S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C265404S MOSEL-V58C265404S Datasheet
391Kb / 44P
HIGH PERFORMANCE 2.5 VOLT 16M X 4 DDR SDRAM 4 BANKS X 4Mbit X 4
V58C265804S MOSEL-V58C265804S Datasheet
457Kb / 44P
HIGH PERFORMANCE 2.5 VOLT 8M X 8 DDR SDRAM 4 BANKS X 2Mbit X 8
More results


Similar Description - V58C265164S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C2128 MOSEL-V58C2128 Datasheet
948Kb / 59P
HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
V58C2256 MOSEL-V58C2256 Datasheet
814Kb / 61P
HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V58C365164S MOSEL-V58C365164S Datasheet
516Kb / 44P
64 Mbit DDR SDRAM 4M X 16, 3.3VOLT
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826532K04S MOSEL-V826532K04S Datasheet
268Kb / 14P
2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826632K24S MOSEL-V826632K24S Datasheet
126Kb / 14P
2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826664K24S MOSEL-V826664K24S Datasheet
243Kb / 14P
2.5 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
logo
Etron Technology, Inc.
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
4M x 16 DDR Synchronous DRAM (SDRAM)
logo
Integrated Circuit Solu...
IC43R16160 ICSI-IC43R16160 Datasheet
1Mb / 56P
4M x 16 Bit x 4 Banks (256-MBIT) DDR SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com