Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V58C265404S Datasheet (PDF) - Mosel Vitelic, Corp

V58C265404S Datasheet PDF - Mosel Vitelic, Corp
Part # V58C265404S
Download  V58C265404S Download
File Size   391.81 Kbytes
Page   44 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 2.5 VOLT 16M X 4 DDR SDRAM 4 BANKS X 4Mbit X 4

V58C265404S Datasheet (PDF)

Go To PDF Page Download Datasheet
V58C265404S Datasheet PDF - Mosel Vitelic, Corp

Part # V58C265404S
Download  V58C265404S Click to download

File Size   391.81 Kbytes
Page   44 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 2.5 VOLT 16M X 4 DDR SDRAM 4 BANKS X 4Mbit X 4

V58C265404S Datasheet (HTML) - Mosel Vitelic, Corp


V58C265404S Product details

Description
The V58C265404S is a four bank DDR DRAM organized as 4 banks x 4Mbit x 4. The V58C265404S achieves high speed data transfer rates by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock

Features
■ 4 banks x 4Mbit x 4 organization
■ High speed data transfer rates with system  frequency up to 166 MHz ■ Data Mask for Write Control (DM)
■ Four Banks controlled by BA0 & BA1
■ Programmable CAS Latency: 2, 2.5, 3
■ Programmable Wrap Sequence: Sequential  or Interleave
■ Programmable Burst Length:
   2, 4, 8 for Sequential Type
   2, 4, 8 for Interleave Type
■ Automatic and Controlled Precharge Command
■ Suspend Mode and Power Down Mode
■ Auto Refresh and Self Refresh
■ Refresh Interval: 4096 cycles/64 ms
■ Available in 66-pin 400 mil TSOP-II
■ SSTL-2 Compatible I/Os
■ Double Data Rate (DDR)
■ Bidirectional Data Strobe (DQs) for input and  output data, active on both edges
■ On-Chip DLL aligns DQ and DQs transitions with  CLK transitions
■ Differential clock inputs CLK and CLK
■ Power supply 2.5V ± 0.2V




Similar Part No. - V58C265404S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C265164S MOSEL-V58C265164S Datasheet
451Kb / 44P
64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
V58C265804S MOSEL-V58C265804S Datasheet
457Kb / 44P
HIGH PERFORMANCE 2.5 VOLT 8M X 8 DDR SDRAM 4 BANKS X 2Mbit X 8
More results


Similar Description - V58C265404S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C365404VD MOSEL-V54C365404VD Datasheet
799Kb / 54P
HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 16M X 4 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 4
V58C265804S MOSEL-V58C265804S Datasheet
457Kb / 44P
HIGH PERFORMANCE 2.5 VOLT 8M X 8 DDR SDRAM 4 BANKS X 2Mbit X 8
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V54C3128804VAT MOSEL-V54C3128804VAT Datasheet
362Kb / 43P
HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
logo
Winbond
W942508CH WINBOND-W942508CH Datasheet
1Mb / 47P
8M x 4 BANKS x 8 BIT DDR SDRAM
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
4M x 4 BANKS x 16 BIT DDR SDRAM
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
4M X 4 BANKS X 16 BITS DDR SDRAM
W9425G6JB WINBOND-W9425G6JB Datasheet
988Kb / 50P
4 M x 4 BANKS x 16 BITS DDR SDRAM
W9425G6JH WINBOND-W9425G6JH_13 Datasheet
940Kb / 52P
4 M x 4 BANKS x 16 BITS DDR SDRAM
logo
Elite Semiconductor Mem...
M53D1G1664A ESMT-M53D1G1664A Datasheet
1Mb / 48P
16M x16 Bit x 4 Banks Mobile DDR SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com