Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC863 Datasheet (PDF) - TEWS Technologies GmbH

TAMC863 Datasheet PDF - TEWS Technologies GmbH
Part # TAMC863
Download  TAMC863 Download
File Size   224.78 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 4 Channel High Speed Synch/Asynch Serial Interface

TAMC863 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAMC863 Datasheet PDF - TEWS Technologies GmbH

Part # TAMC863
Download  TAMC863 Click to download

File Size   224.78 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 4 Channel High Speed Synch/Asynch Serial Interface

TAMC863 Datasheet (HTML) - TEWS Technologies GmbH


TAMC863 Product details

Application Information
The TAMC863 is a standard single Mid-Size/Full-Size AMC.1 compliant module with four high speed serial data communication channels.
The serial communication controller is implemented in FPGA logic, along with a bus master capable PCI interface, guaranteeing long term availability with the option to implement additional functions in the future. The FPGA is connected to the PCI Express interface via a PCI Express to PCI bridge.
Each channel has a receive and a transmit FIFO of 512 long words (32 bit) per channel for high data throughput.
Data transfer on the PCI bus is handled via TAMC863 initiated DMA cycles with minimum host/CPU intervention.
Several serial communication protocols are supported by each channel, such as asynchronous, isochronous, synchronous and HDLC mode.
A 14.7456 MHz oscillator provides standard asynchronous baud rates. An additional 24 MHz oscillator is provided for other baud rates. A 10 MHz oscillator is used for the synchronous baud rate of 10 Mbit/s.
Each channel also provides various interrupt sources, generated on INTA. The interrupt sources can be enabled or disabled individually.
Multiprotocol transceivers are used for the line interface. The physical interface is selectable by software, individually for each channel as EIA-232, EIA-422, EIA-449, EIA-530, EIA-530A, V.35, V.36 or X.21.
The following signals are provided by the TAMC863 for each channel at the front I/O connector: Receive Data (RxD +/-), Transmit Data (TxD +/-), Receive Clock (RxC +/-), Transmit Clock (TxC +/-), Ready-To-Send (RTS +/-), Clear-To-Send (CTS +/-), Carrier-Detect (CD +/-) and GND. Additionally, serial channel 3 provides Data-Set-Ready (DSR3 +/-) and Data-Terminal-Ready (DTR3 +/-).




Similar Part No. - TAMC863

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC890 TEWS-TAMC890 Datasheet
279Kb / 2P
16 Port Gigabit Ethernet Switch
2017-08-17
TAMC890-10R TEWS-TAMC890-10R Datasheet
279Kb / 2P
16 Port Gigabit Ethernet Switch
2017-08-17
TAMC890-11R TEWS-TAMC890-11R Datasheet
279Kb / 2P
16 Port Gigabit Ethernet Switch
2017-08-17
TAMC890-DOC TEWS-TAMC890-DOC Datasheet
279Kb / 2P
16 Port Gigabit Ethernet Switch
2017-08-17
More results


Similar Description - TAMC863

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD4S009 TI1-TPD4S009_14 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Rohm
BU17074KV ROHM-BU17074KV Datasheet
668Kb / 9P
High-speed differential serial interface
logo
Unisonic Technologies
TVS4S009 UTC-TVS4S009 Datasheet
142Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Melexis Microelectronic...
MLX90363 MELEXIS-MLX90363 Datasheet
1Mb / 57P
Triaxis짰 Magnetometer IC With High Speed Serial Interface
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
High Speed Serial Transceiver Line Interface Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com