Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC890 Datasheet (PDF) - TEWS Technologies GmbH

TAMC890 Datasheet PDF - TEWS Technologies GmbH
Part # TAMC890
Download  TAMC890 Download
File Size   279.38 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16 Port Gigabit Ethernet Switch

TAMC890 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAMC890 Datasheet PDF - TEWS Technologies GmbH

Part # TAMC890
Download  TAMC890 Click to download

File Size   279.38 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16 Port Gigabit Ethernet Switch

TAMC890 Datasheet (HTML) - TEWS Technologies GmbH


TAMC890 Product details

Application Information
The TAMC890 is a standard single width Mid-Size / Full-Size AMC.2 compliant 16 Port gigabit Ethernet Switch.
The TAMC890 supports four RJ45 front panel ports which are compliant to IEEE 802.3ab for 10BaseT, 100BaseTX and IEEE 802.3ab for 1000BaseT via CAT5 TP cable and 12 1.25G-SerDes/SGMII ports which are connected to the AMC backplane connector.
The TAMC890 is AMC.2 Type E2 and Type 4 compliant.
The auto-sensing and auto-negotiation function detect and configure automatically the data rate and the duplex mode.
The functionality of the TAMC890 based on the unmanaged Broadcom BCM5396 Gigabit Ethernet switch.
Front panel RJ45 ports are galvanically isolated from the transceiver and switch.
Each channel provides a front panel LEDs to indicate the different network activities.
The operating temperature range is 0°C to +70°C.




Similar Part No. - TAMC890

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC863 TEWS-TAMC863 Datasheet
224Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
2017-09-13
TAMC863-10R TEWS-TAMC863-10R Datasheet
224Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
2017-09-13
TAMC863-11R TEWS-TAMC863-11R Datasheet
224Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
2017-09-13
TAMC863-DOC TEWS-TAMC863-DOC Datasheet
224Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
2017-09-13
More results


Similar Description - TAMC890

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83016 NSC-DP83016 Datasheet
168Kb / 4P
Falcon Switch 16-port Gigabit Ethernet Switch Engine
logo
Advantech Co., Ltd.
EKI-5726F ADVANTECH-EKI-5726F_15 Datasheet
433Kb / 2P
16-port2 SFP Gigabit Ethernet ProView Switch
logo
Axiomtek Co., Ltd.
EX78900 AXIOMTEK-EX78900 Datasheet
619Kb / 5P
Hardened Managed 16-port Gigabit Ethernet Switch
logo
Level One
GEU-1621 LVL1-GEU-1621 Datasheet
323Kb / 3P
16-Port Gigabit Ethernet Switch
GSW-1657 LVL1-GSW-1657 Datasheet
544Kb / 2P
16-Port Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
EKI-5726-AE ADVANTECH-EKI-5726-AE Datasheet
432Kb / 2P
16-port Gigabit Ethernet ProView Switch
EKI-5726F-AE ADVANTECH-EKI-5726F-AE Datasheet
495Kb / 2P
16-port2 SFP Gigabit Ethernet ProView Switch
EKI-5726FI-AE ADVANTECH-EKI-5726FI-AE Datasheet
495Kb / 2P
16-port2 SFP Gigabit Ethernet ProView Switch
logo
ORing Industrial Networ...
IGS-9844GPF ORING-IGS-9844GPF Datasheet
2Mb / 6P
Industrial 16-port managed Gigabit Ethernet switch
logo
Advantech Co., Ltd.
EKI-5726 ADVANTECH-EKI-5726 Datasheet
415Kb / 2P
16-port Gigabit Ethernet ProView Switch
16-Aug-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com