Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC651-FDK Datasheet (PDF) - TEWS Technologies GmbH

TAMC651-FDK Datasheet PDF - TEWS Technologies GmbH
Part # TAMC651-FDK
Download  TAMC651-FDK Download
File Size   170.18 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Spartan-6 FPGA AMC for MTCA.4 Rear-I/O

TAMC651-FDK Datasheet (PDF)

Go To PDF Page Download Datasheet
TAMC651-FDK Datasheet PDF - TEWS Technologies GmbH

Part # TAMC651-FDK
Download  TAMC651-FDK Click to download

File Size   170.18 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Spartan-6 FPGA AMC for MTCA.4 Rear-I/O

TAMC651-FDK Datasheet (HTML) - TEWS Technologies GmbH


TAMC651-FDK Product details

Application Information
The TAMC651 is a double Mid-Size or Full-Size AMC.1 Type 1 module according to MTCA.4 (MicroTCA Enhancements for Rear I/O and Precision Timing) and provides a user configurable Spartan-6 FPGA (XC6SLX45T-2 or XC6SLX100T-2).
The Spartan-6’s integrated PCIe Endpoint Block is connected to AMC port 4.
AMC ports 12-15 (point-to-point) and AMC ports 17-20 (multi-drop) connect to FPGA I/O pins via on-board M-LVDS transceivers.
One of the Spartan-6 GTP transceiver utilizes an SFP interface available at the front plate. SFP support signals are available as FPGA I/O pins. Four FPGA controlled LEDs are also available at the front plate.
According to MTCA.4, the TAMC651 provides two 30-pair ADF connectors at the Zone 3 interface (Rear I/O).
The following I/O signals are available at the Zone 3 interface: 46 differential FPGA I/O lines (LVDS), 2 differential reference clock lines (LVDS), 2 Spartan-6 GTP transceivers. The differential FPGA I/O lines could also be used as single-ended I/O lines (FPGA bank supply for the Zone 3 I/O signals is 2.5V).
The TAMC651 provides a 128 Mbyte, 16 bit wide DDR3 SDRAM bank. The SDRAM-interface utilizes one of the internal hardwired Memory Controller Blocks of the Spartan-6 FPGA.
The FPGA is configured via a Xilinx platform flash which is programmable via a JTAG header. The JTAG header also supports readback and on-chip debugging of the FPGA design (e.g. using Xilinx “ChipScope”). A serial SPI-Flash can be used as alternative configuration data source or for user data storage.
The TAMC651 is shipped with blank configuration devices.
A programmable clock generator supplies differential clock lines to FPGA global clock pins, to an on-board clock crosspoint-switch and to the Spartan-6 GTP transceiver used for the SFP interface. The clock generator is programmable by the FPGA design.
The TAMC651 also provides a configurable clock crosspoint-switch. Clock inputs are: programmable clock generator output, FPGA clock output, AMC TCLKA and TCLKB. Two clock outputs are connected to FPGA global clock pins and two clock outputs are available as reference clocks at the Zone 3 interface.
User applications for the TAMC651 options with the XC6SLX45T-2 FPGA can be developed using the ISE WebPACK design software, which is available free of charge from www.xilinx.com. TAMC651 options with the XC6SLX100T-2 require a full licensed ISE Design Suite.
TEWS offers an FPGA Development Kit (TAMC651-FDK) which consists of a well documented basic example design. It includes an .ucf file with all necessary pin assignments and basic timing constraints. The example design covers certain functionalities of the TAMC651. It implements a DMA capable PCIe endpoint with interrupt support, register mapping and DDR3 memory access. It comes as a Xilinx ISE project with source code and as a ready-to-download bitstream.




Similar Part No. - TAMC651-FDK

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC631 TEWS-TAMC631 Datasheet
269Kb / 3P
Spartan6 AMC with FMC Module Slot
2017-10-12
TAMC631-10R TEWS-TAMC631-10R Datasheet
269Kb / 3P
Spartan6 AMC with FMC Module Slot
2017-10-12
TAMC631-11R TEWS-TAMC631-11R Datasheet
269Kb / 3P
Spartan6 AMC with FMC Module Slot
2017-10-12
TAMC631-12R TEWS-TAMC631-12R Datasheet
269Kb / 3P
Spartan6 AMC with FMC Module Slot
2017-10-12
TAMC631-13R TEWS-TAMC631-13R Datasheet
269Kb / 3P
Spartan6 AMC with FMC Module Slot
2017-10-12
More results


Similar Description - TAMC651-FDK

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS001 XILINX-DS001 Datasheet
1,015Kb / 99P
Spartan-II FPGA Family
XC3S50A-4TQG144C XILINX-XC3S50A-4TQG144C Datasheet
5Mb / 132P
Spartan-3A FPGA Family
XC3S200A-4FTG256I XILINX-XC3S200A-4FTG256I Datasheet
5Mb / 132P
Spartan-3A FPGA Family
XC3S50 XILINX-XC3S50_05 Datasheet
1Mb / 198P
Spartan-3 FPGA Family
XC3S50 XILINX-XC3S50_08 Datasheet
5Mb / 216P
Spartan-3 FPGA Family
DS849 XILINX-DS849 Datasheet
254Kb / 10P
LogiCORE IP Spartan-6 FPGA Triple-Rate SDI v1.0
DS313 XILINX-DS313 Datasheet
528Kb / 10P
Spartan-3L Low Power FPGA
EN025 XILINX-EN025 Datasheet
63Kb / 2P
Spartan-3E XC3S250E FPGA Errata
EN026 XILINX-EN026 Datasheet
67Kb / 3P
Spartan-3E XC3S500E FPGA Errata
logo
Maxim Integrated Produc...
MAXGTPREFDES MAXIM-MAXGTPREFDES Datasheet
125Kb / 2P
Spartan-6 FPGA GTP Transceiver Power Module
7/25/2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com