Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP270 Datasheet (PDF) - TEWS Technologies GmbH

TCP270 Datasheet PDF - TEWS Technologies GmbH
Part # TCP270
Download  TCP270 Download
File Size   254.06 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description PMC Carrier for 3U CompactPCI

TCP270 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCP270 Datasheet PDF - TEWS Technologies GmbH

Part # TCP270
Download  TCP270 Click to download

File Size   254.06 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description PMC Carrier for 3U CompactPCI

TCP270 Datasheet (HTML) - TEWS Technologies GmbH


TCP270 Product details

Application Information
The TCP270 is a standard 3U CompactPCI carrier that provides front I/O and rear I/O for a single width PMC module. This PMC to 3U CompactPCI adapter is used to build modular, flexible and cost effective I/O solutions with PMC devices in CompactPCI systems.
32 bit / 33 MHz accesses are supported on the PCI bus. The TCP270 is used as a mechanical adaptor to connect a standard PMC module in 3U CompactPCI systems.
The TCP270 supports PMC front I/O and optional CompactPCI rear I/O at CompactPCI connector J2/P2. The pin assignment corresponds to the PICMG 2.3 R1.0 PMC on CompactPCI signal mapping.
The use of PMC I/O on the J2/P2 connector (TCP270-11) precludes the use of 64 bit CompactPCI backplanes.
The TCP270 carrier complies with the PICMG 2.0 Revision 3.0 CompactPCI specification.
Operating temperature range is -40°C to +85°C.




Similar Part No. - TCP270

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TCP2 EATON-TCP2 Datasheet
458Kb / 4P
Telecom circuit protector
TCP2-R EATON-TCP2-R Datasheet
458Kb / 4P
Telecom circuit protector
logo
TEWS Technologies GmbH
TCP201 TEWS-TCP201 Datasheet
201Kb / 1P
CompactPCI Carrier for 4 IndustryPacks
2017-08-17
TCP201-10R TEWS-TCP201-10R Datasheet
201Kb / 1P
CompactPCI Carrier for 4 IndustryPacks
2017-08-17
logo
List of Unclassifed Man...
TCP2020 ETC2-TCP2020 Datasheet
336Kb / 4P
AC/DC Current Probes
More results


Similar Description - TCP270

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
3U CompactPCI짰 Single PMC Slot Carrier Board
logo
Adlink Technology Inc.
CPCI-3510 ADLINK-CPCI-3510 Datasheet
712Kb / 4P
3U CompactPCI
CPCI-3511 ADLINK-CPCI-3511 Datasheet
842Kb / 2P
3U CompactPCI
CPCIS-2630 ADLINK-CPCIS-2630 Datasheet
252Kb / 2P
3U CompactPCI Subsystem
logo
Advantech Co., Ltd.
MIC-300 ADVANTECH-MIC-300 Datasheet
912Kb / 3P
3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
MIC-3023 ADVANTECH-MIC-3023 Datasheet
694Kb / 2P
3U Height CompactPCI® Enclosure for 3U Cards
11-Feb-2022
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3811 ADVANTECH-MIC-3811 Datasheet
545Kb / 2P
3U CompactPCI® Serial Dual Mini PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
MIC-3954 ADVANTECH-MIC-3954 Datasheet
859Kb / 2P
3U CompactPCI® Quad Mini PCIe & M.2 Carrier Board
3-Feb-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com