Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20722 Datasheet (PDF) - Atom Lighting

20722 Datasheet PDF - Atom Lighting
Part # 20722
Download  20722 Download
File Size   120.63 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9232 Assembly

20722 Datasheet (PDF)

Go To PDF Page Download Datasheet
20722 Datasheet PDF - Atom Lighting

Part # 20722
Download  20722 Click to download

File Size   120.63 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9232 Assembly

20722 Datasheet (HTML) - Atom Lighting


20722 Product details

Description
Square Shallow Recessed Assembly Pureline 7W/m IP20 LED Strip and driver / 4000K / 90CRI / 1M




Similar Part No. - 20722

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
2072 SENSATA-2072 Datasheet
232Kb / 3P
2072 MXSL PROGRAMMING HARNESS
REV 1 5/14/2018
logo
Adafruit Industries
2072 ADAFRUIT-2072 Datasheet
367Kb / 2P
Carbide Square End Mill - 1/8" Shaft - 0.5mm Diameter
7-17-17
logo
Keystone Electronics Co...
2072 KEYSTONE-2072 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
RAF ELECTRONIC HARDWARE
2072-440-AL RAF-2072-440-AL Datasheet
91Kb / 1P
3/16 HEX FEMALE STANDOFFS
logo
IBM
2072-AL81 IBM-2072-AL81 Datasheet
215Kb / 48P
IBM Storwize V5000E models deliver innovative and simplified storage with enhanced performance to meet the growing needs of small and medium organizations
April 9, 2019
More results


Similar Description - 20722

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
SIP5 LSI-SIP5 Datasheet
37Kb / 2P
LSI Assembly
logo
Rohm
HQFN36V ROHM-HQFN36V Datasheet
38Kb / 2P
LSI Assembly
QFP32 ROHM-QFP32 Datasheet
38Kb / 2P
LSI Assembly
QFP80 ROHM-QFP80 Datasheet
43Kb / 2P
LSI Assembly
QFP120 ROHM-QFP120 Datasheet
41Kb / 2P
LSI Assembly
QFP-A64 ROHM-QFP-A64 Datasheet
39Kb / 2P
LSI Assembly
SOP14 ROHM-SOP14 Datasheet
35Kb / 2P
LSI Assembly
SQFP56 ROHM-SQFP56 Datasheet
40Kb / 2P
LSI Assembly
SQFP100 ROHM-SQFP100 Datasheet
43Kb / 2P
LSI Assembly
SQFP-T80C ROHM-SQFP-T80C Datasheet
41Kb / 2P
LSI Assembly
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com