Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10COMIP Datasheet (PDF) - Timeguard

WF10COMIP Datasheet PDF - Timeguard
Part # WF10COMIP
Download  WF10COMIP Download
File Size   560.26 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description Wi-Fi 10A Smart Switch IP55

WF10COMIP Datasheet (PDF)

Go To PDF Page Download Datasheet
WF10COMIP Datasheet PDF - Timeguard

Part # WF10COMIP
Download  WF10COMIP Click to download

File Size   560.26 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description Wi-Fi 10A Smart Switch IP55

WF10COMIP Datasheet (HTML) - Timeguard


WF10COMIP Product details

Features & Benefits
IP55 Enclosure with IP68 PG11 Cable Glands
Remote access via the Tuya Smart App
Captive Locknuts on Cable Glands
Google Assistant & Amazon Alexa Compatible
Gasket seal protection along the main body and enclousre lid
Runs on the Tuya Smart app, availible on iOS and
adrioid platforms (subject to software requirements)




Similar Part No. - WF10COMIP

ManufacturerPart #DatasheetDescription
logo
Timeguard
WF10COM TIMEGUARD-WF10COM Datasheet
414Kb / 3P
In-line Wi-Fi Smart Switch
13/02/2025
More results


Similar Description - WF10COMIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
logo
TP-Link Technologies Co...
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
HS107 TP-LINK-HS107 Datasheet
1Mb / 5P
Kasa Smart Wi-Fi Plug 2-Outlets
HS300 TP-LINK-HS300 Datasheet
2Mb / 5P
Kasa Smart Wi-Fi Power Strip, 6-Outlets
logo
Quectel Wireless Soluti...
SC20 QUECTEL-SC20 Datasheet
485Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600Y QUECTEL-SC600Y Datasheet
529Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600T QUECTEL-SC600T Datasheet
534Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC200R QUECTEL-SC200R Datasheet
600Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC20 QUECTEL-SC20_V01 Datasheet
650Kb / 3P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
logo
Qorvo, Inc
RFSW8008 QORVO-RFSW8008 Datasheet
380Kb / 7P
Wi-Fi SPDT Switch 300MHz to 5925MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com