Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10COMIP Datasheet(PDF) 1 Page - Timeguard

Part # WF10COMIP
Description  Wi-Fi 10A Smart Switch IP55
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

WF10COMIP Datasheet(HTML) 1 Page - Timeguard

  WF10COMIP Datasheet HTML 1Page - Timeguard WF10COMIP Datasheet HTML 2Page - Timeguard WF10COMIP Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
WLAN-Standard
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
VPN Support
Program Modes
Mounting Hole Centres (mm)
Standby Consumption
Switch Rating
Shortest Switching Time
WF10COMIP
Wi-Fi 10A Smart Switch IP55
Features & Benefits
IP55 Enclosure with IP68 PG11 Cable Glands
Remote access via the Tuya Smart App
Captive Locknuts on Cable Glands
Google Assistant & Amazon Alexa Compatible
Gasket seal protection along the main body and
enclousre lid
Runs on the Tuya Smart app, availible on iOS and
adrioid platforms (subject to software
requirements)
Technical Data
230V AC
50Hz
Surface
802.11 b/g/n 2.4GHz
Class II
-20°C to 40°C
IP55
WIFI (App Based)
May Affect Pairing
24 Hour/7 Day, Boost/Countdown
46 (Top/Bottom), 98 (Left/Right)
<0.5W
10A 2300W
1 Minute
Data sheet
WF10COMIP
Wi-Fi / Wi-Fi Switches
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - WF10COMIP

ManufacturerPart #DatasheetDescription
logo
Timeguard
WF10COM TIMEGUARD-WF10COM Datasheet
414Kb / 3P
In-line Wi-Fi Smart Switch
13/02/2025
More results

Similar Description - WF10COMIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
logo
TP-Link Technologies Co...
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
HS107 TP-LINK-HS107 Datasheet
1Mb / 5P
Kasa Smart Wi-Fi Plug 2-Outlets
HS300 TP-LINK-HS300 Datasheet
2Mb / 5P
Kasa Smart Wi-Fi Power Strip, 6-Outlets
logo
Quectel Wireless Soluti...
SC20 QUECTEL-SC20 Datasheet
485Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600Y QUECTEL-SC600Y Datasheet
529Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600T QUECTEL-SC600T Datasheet
534Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC200R QUECTEL-SC200R Datasheet
600Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC20 QUECTEL-SC20_V01 Datasheet
650Kb / 3P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
logo
Qorvo, Inc
RFSW8008 QORVO-RFSW8008 Datasheet
380Kb / 7P
Wi-Fi SPDT Switch 300MHz to 5925MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com