Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCPS892 Datasheet (PDF) - TEWS Technologies GmbH

TCPS892 Datasheet PDF - TEWS Technologies GmbH
Part # TCPS892
Download  TCPS892 Download
File Size   314.89 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Four Channel 10/100/1000 Mbit/s Ethernet

TCPS892 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCPS892 Datasheet PDF - TEWS Technologies GmbH

Part # TCPS892
Download  TCPS892 Click to download

File Size   314.89 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Four Channel 10/100/1000 Mbit/s Ethernet

TCPS892 Datasheet (HTML) - TEWS Technologies GmbH


TCPS892 Product details

Application Information
The TCPS892 is a PICMG CPCI-S.0 R2.0 compatible 3U
module providing a four channel Ethernet 10Base-T /
100Base-TX / 1000Base-T interface.
The Intel I350 provides integrated PHYs that support 10,
100 and 1000 Mbit/s transmission rates and is equipped
with a 1 Mbit Serial Flash to support PXE and iSCSI boot.
The four Ethernet interfaces of the TCPS892 are capable
of performing an auto negotiation algorithm which allows
both link-partners to determine the best link-parameters.
The TCPS892 supports IEEE 1588/802.1AS Precision
Time Protocol (PTP).
The controller is equipped with a 128 Kbit EEPROM
storing configuration data. LEDs in the front panel indicate
the different network activities.
All ports are galvanically isolated from the Ethernet
controllers and are routed to the P3 rear I/O connector.
An accompanying CompactPCI Serial 3U Rear Board
TCPS007-TM with reconstruction filters and four RJ45
connectors is available.
Software support:
o Software support for Intel™ I350 at www.intel.com
o For operating systems not supported by Intel™,
please contact TEWS.




Similar Part No. - TCPS892

ManufacturerPart #DatasheetDescription
logo
Weller Tools
TCPS WELLER-TCPS Datasheet
123Kb / 1P
PT CC7 Soldering Tip Round Sloped 370°C, Ø 3,2 mm for TCPS, TCP 12, TCP 24, TCP 42 and FE 50M Width A 3,2 mm
TCPS WELLER-TCPS Datasheet
95Kb / 1P
Soldering Tips and Nozzles
TCPS WELLER-TCPS Datasheet
68Kb / 1P
Temperature control switch
logo
TEWS Technologies GmbH
TCPS007-TM TEWS-TCPS007-TM Datasheet
120Kb / 2P
Rear I/O Module for Quad 10/100/1000 Ethernet CPCI-S.0 Modules
21.09.2021
TCPS007-TM-10R TEWS-TCPS007-TM-10R Datasheet
120Kb / 2P
Rear I/O Module for Quad 10/100/1000 Ethernet CPCI-S.0 Modules
21.09.2021
More results


Similar Description - TCPS892

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
List of Unclassifed Man...
942132003 ETC2-942132003 Datasheet
95Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942132014 ETC2-942132014 Datasheet
97Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942132015 ETC2-942132015 Datasheet
98Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141019 ETC2-942141019 Datasheet
104Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141020 ETC2-942141020 Datasheet
105Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141033 ETC2-942141033 Datasheet
104Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141034 ETC2-942141034 Datasheet
105Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
logo
PMC-Sierra, Inc
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
Schneider Electric
170ENT11001 SCHNEIDER-170ENT11001 Datasheet
126Kb / 2P
Modicon Momentum - Ethernet communication adaptor - 10/100 Mbit/s
Apr 12, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com