Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFMC684 Datasheet (PDF) - TEWS Technologies GmbH

TFMC684 Datasheet PDF - TEWS Technologies GmbH
Part # TFMC684
Download  TFMC684 Download
File Size   171.09 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 32 Differential Channel FMC Mezzanine Module

TFMC684 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFMC684 Datasheet PDF - TEWS Technologies GmbH

Part # TFMC684
Download  TFMC684 Click to download

File Size   171.09 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 32 Differential Channel FMC Mezzanine Module

TFMC684 Datasheet (HTML) - TEWS Technologies GmbH


TFMC684 Product details

Application Information
The TFMC684 is an FMC (FPGA Mezzanine Card) Mezzanine Module complying with the ANSI/VITA 57.1 standard that offers the possibility to add a 32bit M-LVDS (Multipoint Low Voltage Differential Signaling) I/O Interface or a 32bit RS-485/RS-422 I/O Interface to FMC Carrier Cards.
The Low Pin Count FMC Connector provides 32 independent control signals which configure the direction of each Differential Transceiver.
The 32 data lines are routed as single-ended traces from the FMC Connector to the Differential Transceivers where they are converted into 32 differential pairs.
The TFMC684-10R meets the TIA/EIA-899 standard (Type-2 Receivers) and the TFMC684-20R meets the TIA/EIA-485 and the TIA/EIA-422 standard.
The 32 bits of differential I/O are connected to a VHDCI-68 Connector in the front panel.
On every of the 32 bits the TFMC684-10R supports signaling rates up to 200Mbit/s which means that a 100MHz clock can be transmitted or in other words that 200M of voltage transitions per second can be performed. The TFMC684-20R supports signalling rates up to 16Mbit/s.
All signals connecting the Differential Driver/Receivers with the FMC Carrier are powered by an adjustable voltage generated by the Carrier. Because of voltage translation devices on the TFMC684 this voltage can range from 1.2V to 3.6V which allows the FPGA's I/O cells to be configured for various different I/O standards.
The signaling standard reference voltage pin, which is powered by the TFMC684, provides half of the adjustable voltage generated by the carrier for I/O standards requiring a reference voltage.
A power good LED indicates whether all voltages on the TFMC684, which are provided by the FMC Carrier, are within limits.
The TFMC684 is equipped with an I²C EEPROM which acts as an IPMI resource requesting the value of the adjustable voltage, for example.
The module meets the requirements to operate in extended temperature range from -40° to +85°C.




Similar Part No. - TFMC684

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TFMC900 TEWS-TFMC900 Datasheet
265Kb / 2P
Test FMC Mezzanine Module
2017-08-24
TFMC900-10R TEWS-TFMC900-10R Datasheet
265Kb / 2P
Test FMC Mezzanine Module
2017-08-24
TFMC900-DOC TEWS-TFMC900-DOC Datasheet
265Kb / 2P
Test FMC Mezzanine Module
2017-08-24
logo
Rectron Semiconductor
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMCJ10 RECTRON-TFMCJ10 Datasheet
1,020Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results


Similar Description - TFMC684

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
8-Channel Differential 32-bit ADC
AK5552 AKM-AK5552 Datasheet
1Mb / 68P
2-Channel Differential 32-bit ADC
AK5554 AKM-AK5554 Datasheet
1Mb / 68P
4-Channel Differential 32-bit ADC
AK5556 AKM-AK5556 Datasheet
1Mb / 69P
6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
2-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
4-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
6-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
2-Channel Differential 32-bit ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
8-Channel Differential 32-bit ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com