Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFMC900 Datasheet (PDF) - TEWS Technologies GmbH

TFMC900 Datasheet PDF - TEWS Technologies GmbH
Part # TFMC900
Download  TFMC900 Download
File Size   265.0 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Test FMC Mezzanine Module

TFMC900 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFMC900 Datasheet PDF - TEWS Technologies GmbH

Part # TFMC900
Download  TFMC900 Click to download

File Size   265.0 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Test FMC Mezzanine Module

TFMC900 Datasheet (HTML) - TEWS Technologies GmbH


TFMC900 Product details

Application Information
The TFMC900 is an FMC (FPGA Mezzanine Card) Mezzanine Module designed to test ANSI/VITA 57.1 FMC Carriers during development or series production. Additionally, it offers the possibility to realise various I/O solutions for connected FMC Carriers.
Interconnection of the High Pin Count FMC Connector signals can be verified by JTAG and by functional tests. A loop-back of the 10 multi-gigabit transceiver interfaces allows interconnection checks for the high-speed serial interfaces.
All voltages on the TFMC900 generated by the FMC Carrier are measured by Analog-to-Digital Converters which transfer the results via the JTAG interface.
The user configurable on-board Spartan-II FPGA, which is connected to the FMC Connector User Defined Signals and to a 68-pin Front I/O Connector, can be used to implement different I/O interfaces for the connected FMC Carrier.
The FPGA is connected to a Platform Flash to store configuration data which is accessible via the JTAG chain.
The TFMC900 is delivered with a blank configuration device. FPGA applications can be developed using the design software ISE WebPACK which can be downloaded free of charge at http://www.xilinx.com.
The FMC Connector User Defined Signals of Bank A are powered by an adjustable voltage generated by the Carrier which is preset to 3.3V (LVTTL) by IPMI. This voltage can be reduced to 2.5V (LVCMOS2) by changing the IPMI resource data inside the on-board I²C EEPROM for FPGAs not supporting the LVTTL signaling standard.
The voltage pins powering the I/O Bank B are connected to 2.5V generated by the FMC Mezzanine Module.
The TFMC900 generates six LVDS reference clock pairs and distributes them to the FMC Carrier. The frequency (common for all clock pairs) is adjustable by three dip switches on board.
The module meets the requirements to operate in extended temperature range from -40° to +85°C.




Similar Part No. - TFMC900

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TFMC684 TEWS-TFMC684 Datasheet
171Kb / 2P
32 Differential Channel FMC Mezzanine Module
2017-08-24
TFMC684-10R TEWS-TFMC684-10R Datasheet
171Kb / 2P
32 Differential Channel FMC Mezzanine Module
2017-08-24
TFMC684-20R TEWS-TFMC684-20R Datasheet
171Kb / 2P
32 Differential Channel FMC Mezzanine Module
2017-08-24
TFMC684-DOC TEWS-TFMC684-DOC Datasheet
171Kb / 2P
32 Differential Channel FMC Mezzanine Module
2017-08-24
logo
Rectron Semiconductor
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results


Similar Description - TFMC900

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
MOD400R SYSTEMSENSOR-MOD400R Datasheet
163Kb / 2P
Field Sensitivity Test Module
logo
Glenair, Inc.
050_344 GLENAIR-050_344 Datasheet
1Mb / 16P
FMC CONNECTIVITY CARD
050-344 GLENAIR-050-344 Datasheet
1Mb / 16P
FMC CONNECTIVITY CARD
logo
Linear Dimensions Semic...
DC2159A LINEAR_DIMENSIONS-DC2159A Datasheet
420Kb / 6P
FMC Communication Interface
logo
Maxim Integrated Produc...
MAX11905EVKIT MAXIM-MAX11905EVKIT Datasheet
4Mb / 29P
Peripheral Module and FMC Connector for Interface
Rev 2; 8/17
MAX11905DIFEVKIT MAXIM-MAX11905DIFEVKIT Datasheet
1Mb / 21P
Peripheral Module and FMC Connector for Interface
Rev 1; 12/16
logo
Molex Electronics Ltd.
62201-8856 MOLEX-62201-8856 Datasheet
116Kb / 3P
Impact??Vertical Mezzanine Signal Module Installation Press-In Tool
03-12-13
62201-8857 MOLEX-62201-8857 Datasheet
176Kb / 3P
Impact??Vertical Mezzanine Signal Module Installation Press-In Tool
04-14-16
62201-8859 MOLEX-62201-8859 Datasheet
176Kb / 3P
Impact??Vertical Mezzanine Signal Module Installation Press-In Tool
04-14-16
62201-8860 MOLEX-62201-8860 Datasheet
154Kb / 3P
Impact??Vertical Mezzanine Signal Module Installation Press-In Tool
03-12-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com