Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPE633-DOC Datasheet (PDF) - TEWS Technologies GmbH

TMPE633-DOC Datasheet PDF - TEWS Technologies GmbH
Part # TMPE633-DOC
Download  TMPE633-DOC Download
File Size   528.08 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with Digital I/O PCIe Mini Card

TMPE633-DOC Datasheet (PDF)

Go To PDF Page Download Datasheet
TMPE633-DOC Datasheet PDF - TEWS Technologies GmbH

Part # TMPE633-DOC
Download  TMPE633-DOC Click to download

File Size   528.08 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with Digital I/O PCIe Mini Card

TMPE633-DOC Datasheet (HTML) - TEWS Technologies GmbH


TMPE633-DOC Product details

Application Information
The TMPE633 is a standard full PCI Express Mini Card, providing a user programmable Xilinx Spartan-6 LX25T FPGA.
The TMPE633-10R provides 26 ESD-protected 5V-tolerant TTL lines, the TMPE633-11R provides 13 differential I/O lines using EIA 422 / EIA 485 compatible, ESD-protected line transceivers and the TMPE633-12R provides 13 differential I/O lines using Multipoint-LVDS Transceiver.
All I/O lines are individually programmable as input or output. TTL I/O lines can be set to high, low, or tristate. Each TTL I/O line has a pull-resistor to a common programmable pull voltage that can be set so +3.3 V, +5 V and GND. Differential I/O lines are terminated, RS-485 lines with 120 Ω, M-LVDS lines with 100 Ω.
The I/O signals are accessible through a 30 pin Pico-Clasp latching connector.
The User FPGA is configured by a SPI flash. An in-circuit debugging option is available via a JTAG header for read back and real-time debugging of the FPGA design (using Xilinx “ChipScope”). For direct JTAG access to the FPGA using the Xilinx Platform Cable USB, the TA308 Programming Kit is required.
User applications for the TMPE633 with XC6SLX25T-2 FPGA can be developed using the design software ISE WebPACK which can be downloaded free of charge from www.xilinx.com.
TEWS offers a well-documented basic FPGA Example Application design. It includes an .ucf file with all necessary pin assignments and basic timing constraints. The example design covers the main functionalities of the TMPE633. It implements local Bus interface to local Bridge device, register mapping and basic I/O. It comes as a Xilinx ISE project with source code and as a ready-to-download bit stream.
Please note: The basic example design requires the Embedded Development Kit (EDK), which is part of the Embedded or System Edition of the ISE Design Suite from Xilinx (downloadable from www.xilinx.com, a 30 day evaluation license is available).




Similar Part No. - TMPE633-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TMPE623 TEWS-TMPE623 Datasheet
410Kb / 3P
Reconfigurable FPGA with Digital I/O PCIe Mini Card
2018-04-24
TMPE623-10R TEWS-TMPE623-10R Datasheet
410Kb / 3P
Reconfigurable FPGA with Digital I/O PCIe Mini Card
2018-04-24
TMPE623-11R TEWS-TMPE623-11R Datasheet
410Kb / 3P
Reconfigurable FPGA with Digital I/O PCIe Mini Card
2018-04-24
TMPE623-12R TEWS-TMPE623-12R Datasheet
410Kb / 3P
Reconfigurable FPGA with Digital I/O PCIe Mini Card
2018-04-24
TMPE623-DOC TEWS-TMPE623-DOC Datasheet
410Kb / 3P
Reconfigurable FPGA with Digital I/O PCIe Mini Card
2018-04-24
More results


Similar Description - TMPE633-DOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN221E04 ETC2-AN221E04 Datasheet
434Kb / 21P
Dynamically Reconfigurable FPAA With Enhanced I/O
logo
Advantech Co., Ltd.
PCI-1753 ADVANTECH-PCI-1753 Datasheet
665Kb / 1P
96-ch Digital I/O PCI Card
PCL-731 ADVANTECH-PCL-731 Datasheet
619Kb / 1P
48-ch Digital I/O ISA Card
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830 Datasheet
258Kb / 1P
PCIe Mini Card
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
NIPXI7851R NI-NIPXI7851R Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
logo
Advantech Co., Ltd.
PCI-1753 ADVANTECH-PCI-1753_15 Datasheet
340Kb / 1P
96-ch Digital I/O PCI Card
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
Digital I/O Module
logo
Advantech Co., Ltd.
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
PCM-28P1AD ADVANTECH-PCM-28P1AD Datasheet
338Kb / 1P
PCIe to mPCIe, 2-Slots mPCIe, iDoor I/O plate expansion iDoor PCIe I/O Plate
20-Jul-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com